Electronic Components Datasheet Search
  English  ▼

X  

TDA9112A Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 12Page - STMicroelectronics TDA9112A Datasheet HTML 13Page - STMicroelectronics TDA9112A Datasheet HTML 14Page - STMicroelectronics TDA9112A Datasheet HTML 15Page - STMicroelectronics TDA9112A Datasheet HTML 16Page - STMicroelectronics TDA9112A Datasheet HTML 17Page - STMicroelectronics TDA9112A Datasheet HTML 18Page - STMicroelectronics TDA9112A Datasheet HTML 19Page - STMicroelectronics TDA9112A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
TDA9112A
16/60
Notes about EW drive section
Note 24:
KEYST at medium (neutral) value.
Note 25:
TCC at medium (neutral) value.
Note 26:
BCC at medium (neutral) value.
Note 27:
PCC at minimum value.
Note 28:
VPOS at medium (neutral) value.
Note 29:
HSIZE I²C field at maximum value.
Note 30: VEW-DC is defined as voltage at tVR=1/2 TVR.
Note 31: Defined as difference of (voltage at tVR=0) minus (voltage at tVR=1/2 TVR).
Note 32: Defined as difference of (voltage at tVR=TVR) minus (voltage at tVR=1/2 TVR).
Note 33:
VSIZE at maximum value.
Note 34: Difference (voltage at tVR=0) minus (voltage at tVR=TVR).
Note 35: Ratio "A/B"of parabola component voltage at tVR=0 versus parabola component voltage at tVR=TVR.
See Figure 2.
Note 36: VHEHT
>VRefO, VVEHT>VRefO
Note 37: VEW-AC is defined as overall peak-to-peak value between tVR=0 and tVR=TVR of all components other than
VEW-DC (contribution of PCC, keystone correction, corner corrections and S- and W-corrections).
Note 38: More precisely tracking with voltage on HPLL1F pin which itself depends on frequency at a rate given by
external components on PLL1 pins
Note 39: VEW-DC[span] = VEW-DC[VHO
>VHOThrfr] - VEW-DC[HSIZE=0000000b].
VEW-AC[fmax] = VEW-AC[VHO>VHOThrfr].
Note 40: Defined as difference of (voltage at tVR=1/4 TVR) minus (voltage at tVR=3/4 TVR).
Note 41: Defined as difference of (voltage at tVR=1/2 TVR) minus (voltage at tVR=1/4 TVR).
Note 42:
EWSC at medium (neutral) value.
Note 43:
EWWC at medium (neutral) value.
Note 44: Informative, not tested on each unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com