Electronic Components Datasheet Search
  English  ▼

X  

TDA9112A Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 20Page - STMicroelectronics TDA9112A Datasheet HTML 21Page - STMicroelectronics TDA9112A Datasheet HTML 22Page - STMicroelectronics TDA9112A Datasheet HTML 23Page - STMicroelectronics TDA9112A Datasheet HTML 24Page - STMicroelectronics TDA9112A Datasheet HTML 25Page - STMicroelectronics TDA9112A Datasheet HTML 26Page - STMicroelectronics TDA9112A Datasheet HTML 27Page - STMicroelectronics TDA9112A Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
TDA9112A
24/60
Top corner
correction
0E
EWOut
(24)
x1111111
x0000000
Bottom corner
correction
0F
EWOut
(24)
x1111111
x0000000
Pin Cushion
S-correction
19
EWOut
(24)
x1111111
x0000000
Pin Cushion
W-correction
1A
EWOut
(24)
x1111111
x0000000
Parallelogram
correction
12h
x0000000
x1111111
Pin cushion
asymmetry
correction
11h
x0000000
x1111111
Table 7. Typical output waveforms - Note 64
Function
Sad
Pin
Byte
Waveform
Effect on Screen
tVR
0
½TVR
TVR
VEW-TCor
tVR
0
½TVR
TVR
VEW-TCor
tVR
0
½TVR
TVR
VEW-BCor
tVR
0
½TVR
TVR
VEW-BCor
0
½TVR
TVR tVR
VEW-S
0
½TVR
TVR
tVR
EW-S
0
½TVR
TVR tVR
EW-W
0
½TVR
TVR
tVR
EW-W
static H-phase
tVR
0
½TVR
TVR
tParalC
static H-phase
tVR
0
½TVR
TVR
tParalC
tVR
0
½TVR
TVR
static
H-phase
PCAC
tVR
0
½TVR
TVR
static
H-phase
PCAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com