Electronic Components Datasheet Search
  English  ▼

X  

TDA9112A Datasheet(PDF) 48 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 44Page - STMicroelectronics TDA9112A Datasheet HTML 45Page - STMicroelectronics TDA9112A Datasheet HTML 46Page - STMicroelectronics TDA9112A Datasheet HTML 47Page - STMicroelectronics TDA9112A Datasheet HTML 48Page - STMicroelectronics TDA9112A Datasheet HTML 49Page - STMicroelectronics TDA9112A Datasheet HTML 50Page - STMicroelectronics TDA9112A Datasheet HTML 51Page - STMicroelectronics TDA9112A Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
TDA9112A
48/60
Figure 17. Shape characteristic versus
HVDC-HSHAP register adjustment.
9.7 DC/DC controller section
The section is designed to control a switch-mode
DC/DC converter. A switch-mode DC/DC conver-
tor generates a DC voltage from a DC voltage of
different value (higher or lower) with little power
losses. The DC/DC controller is synchronized to
horizontal deflection frequency to minimize poten-
tial interference into the picture.
Its operation is similar to that of standard UC3842.
The schematic diagram of the DC/DC controller is
in Figure 18. The BOut output controls an external
switching circuit (a MOS transistor) delivering
pulses synchronized on horizontal deflection fre-
quency, the phase of which depends on H/W and
I²C-bus configuration. See the table at the end of
this chapter. Their duration depends on the feed-
back provided to the circuit, generally a copy of
DC/DC converter output voltage and a copy of cur-
rent passing through the DC/DC converter circuitry
(e.g. current through external power component).
The polarity of the output can be controlled by
BOutPol I²C-bus bit. A NPN transistor open-collec-
tor is routed out to the BOut pin.
During the operation, a sawtooth is to be found on
pin BISense, generated externally by the applica-
tion. According to BOutPh I²C-bus bit, the R-S flip-
flop is set either at H-drive signal edge (rising or
falling, depending on BOHEdge I²C-bus bit), or a
certain delay (tBTrigDel) after middle of H-flyback,
or at horizontal frequency divided by two (phase
corresponding to VHOThrHi on the VCO ramp). The
output is set On at the end of the short pulse gen-
erated by the monostable trigger.
Timing of reset of the R-S flip-flop affects duty cy-
cle of the output square signal and so the energy
transferred from DC/DC converter input to its out-
put. A reset edge is provided by comparator C2 if
the voltage on pin BISense exceeds the internal
threshold VThrBIsCurr. This represents current lim-
itation if a voltage proportional to the current
through the power component or deflection stage
is available on pin BISense. This threshold is affect-
ed by voltage on pin HPosF, which rises at soft
start and descends at soft stop. This ensures self-
contained soft control of duty cycle of the output
signal on pin BOut. Refer to Figure 10. Another con-
dition for reset of the R-S flip-flop, OR-ed with the
one described before, is that the voltage on pin BI-
Sense
exceeds the voltage VC2, which depends on
the voltage applied on input BRegIn of the error
amplifier O1. The two voltages are compared, and
the reset signal generated by the comparator C1.
The error amplifier amplifies (with a factor defined
by external components) the difference between
the input voltage proportional to DC/DC convertor
output voltage and internal reference VBReg. The
0
31
63
95
127
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
(
SHVDC-
HSHAP)
HVDC-HSHAP I²C register value
Power factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com