Electronic Components Datasheet Search
  English  ▼

X  

TDA9112A Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA9112A
Description  HIGH-END I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9112A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA9112A Datasheet HTML 34Page - STMicroelectronics TDA9112A Datasheet HTML 35Page - STMicroelectronics TDA9112A Datasheet HTML 36Page - STMicroelectronics TDA9112A Datasheet HTML 37Page - STMicroelectronics TDA9112A Datasheet HTML 38Page - STMicroelectronics TDA9112A Datasheet HTML 39Page - STMicroelectronics TDA9112A Datasheet HTML 40Page - STMicroelectronics TDA9112A Datasheet HTML 41Page - STMicroelectronics TDA9112A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
TDA9112A
38/60
9.3.6
Output Section
The H-drive signal is inhibited (high level) during
flyback pulse, and also when VCC is too low, when
X-ray protection is activated (XRayAlarm I²C-bus
flag set to 1) and when I²C-bus bit HBOutEn is set
to 0 (default position).
The duty cycle of the H-drive signal is controlled
via I²C-bus register
HDUTY. This is overruled dur-
ing soft-start and soft-stop procedures (see Section
9.3.7
and Figure 10).
The PLL2 is followed by a rapid phase shifting
which accepts the signal from H-moiré canceller
(see Section 9.3.8)
The output stage consists of a NPN bipolar tran-
sistor, the collector of which is routed to HOut pin
(see Figure 9).
Figure 9. HOut configuration
9.3.7
Soft-start and soft-stop on H-drive
The soft-start and soft-stop procedure is carried
out at each switch-on or switch-off of the H-drive
signal, either via HBOutEn I²C-bus bit or after re-
set of XRayAlarm I²C-bus flag, to protect external
power components. By its second function, the ex-
ternal capacitor on pin HPosF is used to time out
this procedure, during which the duty cycle of H-
drive signal starts at its maximum (tHoff for soft
start/stop in electrical specifications) and slowly
decreases to the value determined by the control
I²C-bus register
HDUTY (vice versa at soft-stop).
This is controlled by voltage on pin HPosF. In case
of supply voltage switch off, the transients on HOut
and BOut have different characteristics. See
Figure 10
, Figure 11 and Section 9.8.1.
9.3.8
Horizontal moiré cancellation
The horizontal moiré canceller is intended to blur a
potential beat between the horizontal video pixel
period and the CRT pixel width, which causes vis-
ible moiré patterns in the picture.
It introduces a microscopic indent on horizontal
scan lines by injecting little controlled phase shifts
to output circuitry of the horizontal section. Their
amplitude is adjustable through
HMOIRE I²C-bus
control.
The behaviour of horizontal moiré is to be opti-
mized for different deflection design configurations
using HMoiréMode I²C-bus bit. This bit is to be
kept at 0 for common architecture (B+ and EHT
common regulation) and at 1 for separated archi-
tecture (B+ and EHT each regulated separately).
The maximum amplitude adjustable though
HMOI-
RE I²C-bus control is optimized according to selec-
tion by HMoiréMode I²C-bus bit: larger when B+
and EHT are each regulated separately, smaller
when B+ and EHT are common regulation.
int.
ext.
HOut
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com