| Electronic Components Datasheet Search |
|
TDA9112A Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA9112A Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 60 page ![]() TDA9112A 36/60 Figure 5. Horizontal PLL1 block diagram Figure 6. Horizontal oscillator (VCO) schematic diagram 9.3.3 Voltage controlled oscillator The VCO makes part of both PLL1 and PLL2 loops, being an “output” to PLL1 and “input” to PLL2. It delivers a linear sawtooth. Figure 6 ex- plains its principle of operation. The linears are ob- tained by charging and discharging an external ca- pacitor on pin CO, with currents proportional to the current forced through an external resistor on pin RO , which itself depends on the input tuning volt- age VHO (filtered charge pump output). The rising and falling linears are limited by VHOThrLo and VHOThrHi thresholds filtered through HOscF pin. At no signal condition, the VHO tuning voltage is clamped to its minimum (see section 6.4 - page 10), which corresponds to the free-running VCO frequency fHO(0). Refer to subsection 9.3.1 for for- mula to calculate this frequency using external components values. The ratio between the fre- quency corresponding to maximum VHO and the one corresponding to minimum VHO (free-running frequency) is about 4.5. This range can easily be increased in the application. The PLL1 can only lock to input frequencies falling inside these two limits. PLL INHIBITION SHAPER Low High LOCK COMP CHARGE PUMP VCO HOSC (I²C) INPUT INTERFACE Sync V-sync (extracted) (I²C) DETECTOR Polarity V-sync Extracted REF1 (I²C) (I²C) PLL1 HPLL1F RO CO HOscF HPOS HPosF PLL1Pump H/HVSyn HLckVBk Blank HLock PLL1InhEn 3 9 8 6 4 10 1 RS Flip-Flop 4 I0 I0 2 I0 + - (PLL1 filter) + - + - from charge pump VCO discharge control HOscF HPLL1F CO RO VHO VHOThrHi VHOThrLo VHOThrHi VHOThrL 4 6 8 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |