Electronic Components Datasheet Search
  English  ▼

X  

CS1256 Datasheet(PDF) 8 Page - Core Technology (Shenzhen) Co., Ltd.

Part # CS1256
Description  High Performance AFE ADC and BIM Advanced AFE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
Direct Link  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CS1256 Datasheet(HTML) 8 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CS1256 Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CS1256 Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CS1256 Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CS1256 Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CS1256 Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CS1256 Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CS1256 Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CS1256 Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CS1256 Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
CS1256 芯片用户手册
绝
绝密
密文
文档
档,
,注
注意
意保
保密
密
版
版权
权所
所有
有,
,侵
侵权
权必
必究
究
芯
芯海
海科
科技
技(
(深
深圳
圳)
)股
股份
份有
有限
限公
公司
司
第
第 88 页
页,
,共
共
3
35
5 页
页
1.4
极限值
表 1.1 示出了CS1256的极限值。
表 1.1 CS1256 极限值
名称
符号
最小
最大
单位
说明
电源电压
VDD
-0.3
6
V
VDD to GND
电源瞬间电流
100
mA
Input Current
momentary
电源恒定电流
10
mA
Input Current
continuous
数字管脚输入
电压
-0.3
VDD+0.3
V
Digital Output
Voltage to GND
数字输出管脚
电压
-0.3
VDD+0.3
V
节温
150
℃
Max. Junction
Temperature
工作温度
-40
85
℃
Operating
Temperature
储存温度
-60
150
℃
Storage
Temperature
芯片管脚焊接
温度
300
℃
Lead Temperature
(Soldering, 10s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com