Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 3 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 3 Page - Synaptics Incorporated.

  RF109 Datasheet HTML 1Page - Synaptics Incorporated. RF109 Datasheet HTML 2Page - Synaptics Incorporated. RF109 Datasheet HTML 3Page - Synaptics Incorporated. RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2400 MHz Digital Spread Spectrum Transceiver
RF109
100646A
Conexant
3
1/19/00
Conexant Proprietary
Synthesizer Programming____________________________
The frequency synthesizer block is comprised of a divide-by-3
counter (D), 9.6 MHz reference frequency (FREF) source, a
fixed reference divider of 16 (R), 16/17 prescaler (M), a fixed
counter of 83 (N), a programmable counter of 64 (A),an external
loop filter, and a 2.4 GHz external VCO.
The synthesizer can be programmed to cover 64 channels
(channel spacing = 1.8 MHz) from 2392.2 MHz to 2505.6 MHz
Table 1).
The LO frequency is given by the following equation:
f
LO = (D) × (FREF/R) × ((M × N) + (A + 1)), where N > A.
Example:
fLO = 3 × (9.6 MHz / 16) × ((16 × 83) + 7) = 2403.0 MHz
fLO = 3 × (9.6 MHz / 16) × ((16 × 83) + 46) = 2473.2 MHz
Data Format. The synthesizer is programmed with a half-
duplex 3-wire serial interface. The three signals are DATA, CLK,
and STROBE. Each rising edge of the CLK signal shifts one bit
of the data into a shift register. When the STROBE input is
toggled from low to high, the data latched in the shift register is
transferred to the A counter. The data format is as follows:
MSB
S7
S6
S5
S4
S3
S2
S1
S0
LSB
The timing relationship is shown in Figure 4. Programming bits
S0 to S5, used for the A counter, are defined in Table 1. Bits S6
and S7 are reserved.
Synthesizer Loop Filter. A typical loop filter design is shown
below in Figure 3. The loop bandwidth is approximately 5 kHz
with a nominal phase margin of 45 degrees for a VCO sensitivity
of 60 MHz/V.
0.01µF
10k
Ω
VCO
TUNE
330
pF
390
pF
10k
Ω
CHPO
pin 43
Figure 3. Typical Loop Filter
Power Management __________________________________
Independent power-up/power-down control of the transmit path,
receive path, and frequency synthesizer is provided by the
TXEN, RXEN and SYNTHEN controls, respectively. When all of
the functions are powered down, the current drain from the
voltage supply (Vcc) is at a minimum.
t1
t2
t3
t5
t4
MSB
L S B
DATA
CLK
STROBE
t1 =Data setup time
t2 =Data hold time
t3 =Clock pulse-width
t4 =STROBE enable pulse-width
t5 =STROBE setup time to the rising edge of the last clock
t1 to t5 > 1µs each
Figure 4. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com