Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 10 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 10 Page - Synaptics Incorporated.

Back Button RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. RF109 Datasheet HTML 10Page - Synaptics Incorporated. RF109 Datasheet HTML 11Page - Synaptics Incorporated. RF109 Datasheet HTML 12Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RF109
2400 MHz Digital Spread Spectrum Transceiver
10
Conexant
100646A
Conexant Proprietary
1/19/00
Table 3. Electrical Specifications (3 of 3)
Parameter
Min
Typical
Max
Units
Power Supply
Total supply current:
RX mode (RXEN, SYNTHEN = 1)
TX + SYNTH supply current:(3)
High power mode
Medium power mode
Low power mode
Synth mode (SYNTHEN = 1)
Sleep mode (RXEN, TXEN, SYNTHEN, LNAATTN = 0)
67
31
89
41
33
31
25
5
111
51
100
mA
mA
mA
mA
mA
µA
Power supply range(1)
3.0
3.6
4.5
VDC
Notes:
1. The specifications in Table 3 are guaranteed at a supply voltage of 3.6 VDC, and TA = 25oC.
2. Gain settled to within 90% of final value, DC settled to within 10% of desired signal’s final value.
3. TXD input signal 120 mVpp, 300 kHz sinusoidal at pin 8, Rmod = 1.2 k
Ω.
Table 4. Absolute Maximum Ratings
Parameter
Min
Max
Unit
Supply voltage (Vcc)1
–0.3
5
V
Input voltage range1
–0.3
VCC
V
Power dissipation
700
mW
LNA input power
+5
dBm
Operating temperature range (TA)
–10
70
°C
Storage temperature
–40
125
°C
Notes:
1.
Voltages are referenced to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com