Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 8 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 8 Page - Synaptics Incorporated.

Back Button RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. RF109 Datasheet HTML 10Page - Synaptics Incorporated. RF109 Datasheet HTML 11Page - Synaptics Incorporated. RF109 Datasheet HTML 12Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
RF109
2400 MHz Digital Spread Spectrum Transceiver
8
Conexant
100646A
Conexant Proprietary
1/19/00
Specifications
Table 3. Electrical Specifications(1) (1 of 3)
Note: TA = 25oC, VCC = 3.6 V, fLO= 2449.8 MHz
Parameter
Min
Typical
Max
Units
Receiver Section
RX voltage gain:
LNA high-gain mode (LNAATTN = 0)
GC = 1.35 V
GC = 1.65 V
GC = 1.9 V
94.5
100
76
37
105.5
dB
LNA gain step
delta Gain LNAATTN = 0/1
27
dB
RX gain variation vs. frequency
2400 MHz
< fLO < 2483.5 MHz
–1.5
0.5
2.0
dB
RX SSB noise figure:
High-gain mode, GC = 1.35 V
9
dB
RX input IP3:
LNA high-gain mode, GC = 1.9 V
LNA low-gain mode, GC = 1.9 V
–33
–3
dBm
RX input P1dB:
LNA high-gain mode (LNAATTN = 0)
GC = 1.35 V
GC = 1.65 V
GC = 1.9 V
LNA low-gain mode (LNAATTN = 1)
GC = 1.9 V
–90.5
–65
–36
–10
dBm
I/Q phase imbalance
±7
deg
I/Q amplitude imbalance
3dB
Input high voltage, LNAATTN, RXEN
VIH
1.9
V
Input low voltage, LNAATTN, RXEN
VIL
0.75
Input high current, RXEN
IIH
125
200
µA
Input low current , RXEN
IIL
–10
10
Input high current, LNAATTN
IIH
60
µA
Input low current, LNAATTN
IIL
–10
GC Iin
–500
500
µA
Baseband amplifier gain control range (GC = 1.35–1.9 V)
63
dB
GC input voltage range
1.35
1.65
1.9
V
Baseband amplifier gain control sensitivity
GC = 1.35–1.9 V
GC = 1.35 V
GC = 1.65 V
GC = 1.90 V
0.14
0.01
0.15
0.13
0.17
dB/mV
RX P1dB @ 3.9 MHz offset
LNA high gain, GC=1.9V
–24
dBm
Baseband output load capacitance
20
50
pF
Baseband LPF 3 dB bandwidth (Rgmc = 825
Ω)
650
820
970
kHz
Baseband selectivity @ 3.9 MHz
60
70
dB
Baseband common mode output
1.0
Vcc – 1.55
Vcc – 1.0
V
Baseband I,Q DC offset
25
mV
RXI, RXQ DC and gain settle time(2) from initial RXEN input
at TDD rate > 250 Hz
50
100
µs
Baseband HPF 3dB bandwidth (servo capacitors = 82 nF)
13
22
29
kHz
Baseband output voltage swing (peak differential)
250
mVp
Baseband output SNR (GC = 1.9 V)
31
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com