Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 6 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 6 Page - Synaptics Incorporated.

Back Button RF109 Datasheet HTML 2Page - Synaptics Incorporated. RF109 Datasheet HTML 3Page - Synaptics Incorporated. RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. RF109 Datasheet HTML 10Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RF109
2400 MHz Digital Spread Spectrum Transceiver
6
Conexant
100646A
Conexant Proprietary
1/19/00
Interface Description
Table 2. RF109 Pin Signal Description (1 of 2)
Pin
Signal
Type
Description
Digital Signals1
18
TXEN
Input
Transmit Enable. Switches on/off bias power to the transmitter circuitry.
1: Tx on
0: Tx off
9
RXEN
Input
Receive Enable. Switches on/off bias power to the receiver circuitry.
1: Rx on
0: Rx off
46
SYNTHEN
Input
Synthesizer Enable. Switches on/off bias power to the synthesizer circuitry.
1: Synthesizer on
0: Synthesizer off
21
22
PS1
PS2
Input
Input
Transmit Power. These two control bits select the PA output power.
PS1=0, PS2=0: High (–8 dBm typical, single-ended)
PS1=0, PS2=1: Medium (–18 dBm typical, single-ended)
PS1=1, PS2=0: Low (–26.5 dBm typical, single-ended)
PS1=1, PS2=1: Undefined
10
LNAATTN
Input
LNA Attenuator. This control signal toggles the LNA gain between the low gain state and the high gain state.
1: Low gain, attenuator enabled
0: High gain, attenuator disabled
3
FREF
Input
Reference Oscillator. This digital input clock signal is used to provide the reference frequency for the synthesizer. A 9.6 MHz
clock provides channel spacing of 1.8 MHz (see Table 1).
2
CLK
Input
Synthesizer Programming Clock. This is the clock input signal used to serially shift the synthesizer data bits into the
synthesizer input register. The rising edge of CLK is used to load each data bit.
4
DATA
Input
Synthesizer Programming Data. This is the serial data input bit stream used to program the synthesizer. Data bits are shifted
from MSB first to LSB. The DATA bit is loaded into the synthesizer input register on the rising edge of the CLK signal.
47
STROBE
Input
Synthesizer Programming Strobe. This signal is used to transfer the synthesizer data bits from the input register to the pulse
swallow counter, after all of the data bits have been shifted in. The data is transferred on the rising edge of the STROBE signal.
Analog Signals
8
TXD
Input
Transmit Data. This input signal is used as the modulating signal. TXD is a single-ended, 1.2 Mbps NRZ signal from the
baseband modem. The TXD signal shall be filtered first if any data/spectral shaping is desired. A resistor divider should be used
to provide the desired signal level at the TXD input of the RF109.
5
TXREF
Input
Tx Reference. This is the reference for the TXD input. It is AC-coupled to ground.
23
GCREF
Input
Gain Control Reference. This is the reference for the gain control input. It is connected to ground.
28
29
RXI-
RXI+
Output
Output
Received In-Phase Signal Negative, Received In-Phase Signal Positive. This differential signal pair is the in-phase portion of
the baseband output of the receiver. The differential output signal level is typically 0.5 Vp-p, within the AGC operating range of
1.35–1.9 V.
26
27
RXQ-
RXQ+
Output
Output
Received Quadrature Signal Negative, Received Quadrature Signal Positive. This differential signal pair is the quadrature
portion of the baseband output of the receiver. The differential output signal level is typically 0.5 Vp-p, within the AGC operating
range of 1.35–1.9 V.
24
AGC
Input
Auto Gain Control. This analog input signal is used to control the gain of the baseband VGAs in the receiver. This signal is
generated by the baseband ASIC as part of the AGC control loop. An increase in the AGC voltage decreases the baseband VGA
gain. The control loop provides a typical receive baseband differential signal of 0.5 Vp-p over the VAGC range of 1.35–1.9 V.
38
39
VCO1
VCO2
Input
Input
Voltage Controlled Oscillator. This differential input provides the local oscillator signal from an external VCO to the RF109
mixers. An external BALUN may be used to convert a single-ended external VCO signal to the differential signals, VCO1 and
VCO2, required by the RF109. The differential input signal level required is typically 200 mVp-p.
43
CHPO
Output
Charge Pump Output. This output signal is used to control the external 2.4 GHz VCO. The CHPO current is typically ±250 µA.
11
LNAIN
Input
RF Input. This is the received RF input signal that is routed to the LNA of the RF109. This pin should be externally matched to
50
Ω. The received signal must be AC coupled into LNAIN with a 12 pF series capacitor.
15
16
RFO1
RFO2
Output
RF Output. These are the differential transmit output signals from the RF109. The single-ended output impedance is 50
Ω. The
RF output signals are internally AC-coupled. The unused signal should be terminated to ground through a 50
Ω resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com