Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 5 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 5 Page - Synaptics Incorporated.

  RF109 Datasheet HTML 1Page - Synaptics Incorporated. RF109 Datasheet HTML 2Page - Synaptics Incorporated. RF109 Datasheet HTML 3Page - Synaptics Incorporated. RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2400 MHz Digital Spread Spectrum Transceiver
RF109
100646A
Conexant
5
1/19/00
Conexant Proprietary
Recommendations on Layout and Implementation _______
A typical applications schematic is shown in Figure 5.
Decouple all Vcc pins as close as possible to the supply pin.
All ground pins should have minimum trace inductance to
ground. If a ground plane cannot be provided right at the pins,
the vias to the ground plane should be placed as close to the
pins as possible. There should be one via for each ground pin. If
the ground plane is at the bottom layer, it is recommended to
have two vias in parallel for each ground pin.
Connect all no connect (NC) pins to the ground.
VCC1 (pin 6), VCC2 (pin 7), VCC3 (pin 25), and VCC4 (pin 31)
should be connected to the common Vcc supply through
individual decoupling networks.
RTXD should be chosen to provide a typical baseband spread
spectrum signal level of 0.10 Vp-p, to the TXD pin (pin 8).
The routing of the trace to pin 3 (FREF) is very important to
minimize the coupling of the reference clock (9.6 MHz) into the
LO. The FREF trace should be well isolated from all other
traces, preferably by grounded strips on either side of the trace.
All traces from the VCO to pins 38 and 39 should be as short as
possible with a characteristic impedance of 50
Ω.
Exposed Paddle Soldering ____________________________
The RF109 48-pin TQFP package has an exposed (metal)
paddle on the bottom. The footprint dimensions of the exposed
paddle are shown in Figure 6. The printed circuit board should
provide through hole connections to the ground plane to ground
the exposed paddle. The solder mask opening should have the
same size as the exposed paddle. All relevant manufacturing
considerations for this type of package should be taken into
account.
ESD Sensitivity______________________________________
The RF109 is a static-sensitive electronic device. Do not operate
or store near strong electrostatic fields. Take proper
Electrostatic Discharge (ESD) precautions.
CLK
FREF
DATA
1500pF
RXEN
LNAATTN
VBAT
0.047µF
8.2pF
STROBE
0.047
µF
Cservo
0.082µF
Cservo
0.082µF
10
Ω
VBAT
91
Ω
VREG
VCO
BALUN
100
Ω
91
Ω
VCO SHIELD AREA
12pF
12pF
VCC
GND
TUNE
OUT
GND
NC
RF109
1
2
3
4
5
6
7
8
12
9
10
11
36
35
34
33
32
31
30
29
25
28
27
26
0.01
µF
8.2
pF
VCC
GND2
OUT
CTRL
GND1
BYP
VBAT
VREG
10
Ω
8.2
pF
1.0pF
402
Ω
402
Ω
820pF
820pF
470
Ω
0.047
µF
1.2k
Ω
Rmod
2200
pF
12pF
12pF
Rgmc
390pF
0.01µF
10k
Ω
10k
Ω
330pF
TXD
825
Ω
82µH
3.6k
Ω
RTXD
1.8pF
SYNTHEN
8.2pF
75 Ω
1500pF
3V REGULATOR
0.056µF
8.2
pF
1000
pF
8.2
pF
47
µF
1000
pF
10
Ω
10
Ω
PS1
PS2
AGC
RXI+
RXI-
RXQ+
RXQ-
LNAIN
RFO1
RFO2
TXEN
+
-
47
pF
47nF
47nF
8.2pF
8.2pF
8.2pF
0.01µF
47nF
8.2pF
8.2pF
8.2pF
8.2pF
8.2pF
Figure 5. Typical Application Diagram – RF109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com