Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 1 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 1 Page - Synaptics Incorporated.

  RF109 Datasheet HTML 1Page - Synaptics Incorporated. RF109 Datasheet HTML 2Page - Synaptics Incorporated. RF109 Datasheet HTML 3Page - Synaptics Incorporated. RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
Doc. No. 100646A
Conexant Proprietary
January 19, 2000
RF109
2400 MHz Digital Spread Spectrum Transceiver
The RF109, a fully integrated transceiver device, provides the transmit, receive, and
frequency synthesis functions for 2400 MHz digital spread spectrum systems operating
in the 2400–2483.5 MHz portion of the ISM (Industrial, Scientific, Medical) band. The
device has a direct conversion architecture that minimizes circuit complexity and cost.
The receive path of the RF109 provides complete RF-to-baseband I/Q demodulation,
including an LNA, double-balanced quadrature mixers, fully integrated baseband filters,
and baseband variable-gain amplifiers. The transmit path is a variable-gain direct
conversion modulator. Figure 1 shows the RF109’s pin signals. Figure 2 shows the
RF109 block diagram.
The RF109 generates the Local Oscillator (LO) frequencies using a Phase Lock Loop
(PLL) frequency synthesizer and an external 2.4 GHz Voltage Controlled Oscillator
(VCO). The PLL provides a full frequency range of 2392.2–2505.6 MHz.
The RF109 features low-voltage operation (3.0–4.5V) for low power consumption. A
complete RF system solution for 2.4 GHz cordless telephone applications can be
constructed with the RF109, a power amplifier, a differential 2.4 GHz frequency source
and a Transmit/Receive (T/R) switch.
RF109
1
2
3
4
5
6
7
8
12
9
10
11
36
35
34
33
32
31
30
29
25
28
27
26
CLK
NC1
FREF
TXD
VCC2
VCC1
TXREF
DATA
LNAATTN
RXEN
LNAIN
NC2
RXQ-
NC3
VCC3
SRI+
GND3
VCC4
SRQ-
SRQ+
SRI-
RXI-
RXI+
RXQ+
Figure 1. RF109 Pin Signals
Features
• Low power dissipation
• Fast settling from standby mode to active
mode
• Separate enable lines for transmit, receive,
and synthesizer
• 64 programmable channels with 1.8 MHz
channel spacing
• 3-battery-cell operation
• 48-pin TQFP package with exposed paddle
(refer to Figure 6)
• Receiver
− LNA/Quadrature mixer from RF down to
baseband
− Selectable LNA gain
− Integrated baseband filter with external
bandwidth adjustment
− Receiver baseband amplifier with
automatic gain control
− Direct conversion with differential
baseband outputs
− Low system noise figure (9.0 dB typical)
− Large dynamic range (89 dB typical)
• Transmitter
− Variable gain modulator
− Mixer for baseband-to-RF modulation
− Differential TX inputs and outputs
− Selectable transmitter output levels for
high, medium, and low power modes
Applications
• Digital Spread Spectrum (DSS) cordless
telephone
• Direct sequence spread spectrum systems
• Frequency hopping spread spectrum
systems
• Wireless LANs
• Wireless modems
• Wireless security
• Inventory control systems


Similar Part No. - RF109

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF10 EXTECH-RF10 Datasheet
55Kb / 1P
Brix Refractometers
logo
Mersen
RF10/RL10 MERSEN-RF10/RL10 Datasheet
106Kb / 2P
TRADITIONAL PROTECTION FOR CIRCUITS WITH LESS THAN 10,000A
logo
Willow Technologies Ltd
RF100 WILLOW-RF100 Datasheet
868Kb / 2P
Series, High Frequency Power Resistors Thick film,Non-Inductive
logo
Teledyne Technologies I...
RF100-12 TELEDYNE-RF100-12 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
RF100-5 TELEDYNE-RF100-5 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
More results

Similar Description - RF109

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
RF Micro Devices
RF2948B RFMD-RF2948B Datasheet
413Kb / 18P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
List of Unclassifed Man...
XE900S ETC1-XE900S Datasheet
70Kb / 16P
Smart Spread Spectrum Transceiver
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
Miniature Spread Spectrum Transceiver
logo
Pericom Semiconductor C...
PI6C3420A PERICOM-PI6C3420A Datasheet
492Kb / 5P
27 MHz Spread Spectrum Clock Synthesizer
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
Murata Manufacturing Co...
DNT90PA MURATA-DNT90PA Datasheet
158Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com