Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 9 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 9 Page - Synaptics Incorporated.

Back Button RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. RF109 Datasheet HTML 10Page - Synaptics Incorporated. RF109 Datasheet HTML 11Page - Synaptics Incorporated. RF109 Datasheet HTML 12Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2400 MHz Digital Spread Spectrum Transceiver
RF109
100646A
Conexant
9
1/19/00
Conexant Proprietary
Table 3. Electrical Specifications (2 of 3)
Parameter
Min
Typical
Max
Units
Transmitter Section
Gain variation vs. frequency
2400 MHz
< fLO < 2483.5 MHz
0.5
1.5
dB
Peak-envelope output power (single-ended):(3)
High power mode (PS1 = 0, PS2 = 0)
Medium power mode (PS1 = 0, PS2 = 1)
Low power mode (PS1 = 1, PS2 = 0)
Undefined mode (PS1 = 1, PS2 = 1)
–10.5
–8.0
–18
–26.5
not used
–5.0
dBm
IM3
(TXD input signal 2 tones each 60 mVpp)
–35
dBc
LO suppression relative to peak
–25
–15
dBc
TXD input impedance
10
k
Ω
TXD input peak-to-peak baseband spread spectrum signal for specified output
peak envelope power
100
mVpp
TXD input bandwidth
80
MHz
TXD to RF settle time to within spec value from TXEN
50
µs
Input high voltage, PS1, PS2, TXEN
VIH
Input low voltage, PS1, PS2, TXEN
VIL
1.9
0.75
V
Input high current, PS1, PS2, TXEN
IIH
Input low current, PS1, PS2, TXEN
IIL
–10
60
µA
Input high current TXEN
IIH
Input low current TXEN
IIL
–10
100
µA
Frequency Synthesizer Section
Synthesizer frequency range
2392.2
2505.6
MHz
Differential LO input power across VCO1 and VCO2
–17
–13
–9
dBm
Input reference frequency, FREF
9.6
MHz
Frequency step, FS
1800
kHz
Comparison frequency (600 kHz) spur level
–60
dBc
Input high voltage, STROBE, CLK, DATA, SYNTHEN
VIH
Input low voltage, STROBE, CLK, DATA, SYNTHEN
VIL
1.9
0.75
V
Input high current, STROBE, CLK, DATA
IIH
Input low current, STROBE, CLK, DATA
IIL
–10
40
µA
Input high current, SYNTHEN
IIH
Input low current, SYNTHEN
IIL
–10
100
µA
Input high voltage, FREF
VIH
Input low voltage, FREF
VIL
1.9
0.75
V
Input high current, FREF
IIH
Input low current, FREF
IIL
–10
100
µA
Charge-pump output current
±250
µA
Output short-circuit current
CHPO
1.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com