Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 11 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 11 Page - Synaptics Incorporated.

Back Button RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. RF109 Datasheet HTML 10Page - Synaptics Incorporated. RF109 Datasheet HTML 11Page - Synaptics Incorporated. RF109 Datasheet HTML 12Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2400 MHz Digital Spread Spectrum Transceiver
RF109
100646A
Conexant
11
1/19/00
Conexant Proprietary
Device Dimensions
RF109 device dimensions are shown below in Figure 6.
D3
D1
e
b
D2
D1
D
D2
D1
D
DETAIL A
DETAIL A
A1
L1
c
L
A A2
Min.
Max.
Min.
Max.
Millimeters
Inches*
Dim.
* Metric values (millimeters) should be used for
PCB layout. English values (inches) are
converted from metric values and may contain
round-off errors.
Ref. 48-PIN TQFP (GP00-D495-003)
1.6 MAX
0.05
0.10
1.35
1.45
8.85
9.15
6.95
7.05
5.5 REF
3.198
0.5
0.75
1.0 REF
0.500 REF
0.220 REF
0.11
0.17
0.1259
0.0630 MAX
0.0020 0.0039
0.0528 0.0571
0.3484 0.3602
0.2736 0.2776
0.2165 REF
0.0197 0.0295
0.0394 REF
0.0197 REF
0.0087 REF
0.0043 0.0067
Coplanarity
A
A1
A2
D
D1
D2
D3
L
L1
e
b
c
0.10 MAX
0.0039 MAX
Exposed
paddle
Exposed
paddle
(bottom side)
Figure 6. RF109 Device Dimensions
Copyright © 2000, Conexant Systems, Inc. All Rights Reserved.
Information in this document is provided in connection with Conexant Systems, Inc. (“Conexant”) products. These materials are provided by Conexant as a service to its
customers and may be used for informational purposes only. Conexant assumes no responsibility for errors or omissions in these materials. Conexant may make changes to
specifications and product descriptions at any time, without notice. Conexant makes no commitment to update the information contained herein. Conexant shall have no
responsibility whatsoever for conflicts or incompatibilities arising from future changes to its specifications and product descriptions.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Conexant’s Terms and
Conditions of Sale for such products, Conexant assumes no liability whatsoever.
THESE MATERIALS ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, EITHER EXPRESS OR IMPLIED, RELATING TO SALE AND/OR USE OF
CONEXANT PRODUCTS INCLUDING LIABILITY OR WARRANTIES RELATING TO FITNESS FOR A PARTICULAR PURPOSE, MERCHANTABILITY, OR
INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. Conexant further does not warrant the accuracy or completeness of
the information, text, graphics or other items contained within these materials. Conexant shall not be liable for any special, indirect, incidental, or consequential damages,
including without limitation, lost revenues or lost profits, which may result from the use of these materials.
Conexant products are not intended for use in medical, life saving or life sustaining applications. Conexant customers using or selling Conexant products for use in such
applications do so at their own risk and agree to fully indemnify Conexant for any damages resulting from such improper use or sale.
The following are trademarks of Conexant Systems, Inc.: Conexant, the Conexant C symbol, and “What’s Next in Communications Technologies”. Product names or
services listed in this publication are for identification purposes only, and may be trademarks of third parties. Third-party brands and names are the property of their
respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com