Electronic Components Datasheet Search
  English  ▼

X  

RF109 Datasheet(PDF) 7 Page - Synaptics Incorporated.

Part # RF109
Description  2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RF109 Datasheet(HTML) 7 Page - Synaptics Incorporated.

Back Button RF109 Datasheet HTML 3Page - Synaptics Incorporated. RF109 Datasheet HTML 4Page - Synaptics Incorporated. RF109 Datasheet HTML 5Page - Synaptics Incorporated. RF109 Datasheet HTML 6Page - Synaptics Incorporated. RF109 Datasheet HTML 7Page - Synaptics Incorporated. RF109 Datasheet HTML 8Page - Synaptics Incorporated. RF109 Datasheet HTML 9Page - Synaptics Incorporated. RF109 Datasheet HTML 10Page - Synaptics Incorporated. RF109 Datasheet HTML 11Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2400 MHz Digital Spread Spectrum Transceiver
RF109
100646A
Conexant
7
1/19/00
Conexant Proprietary
Table 2. RF109 Pin Signal Description (2 of 2)
Pin
Signal
Type
Description
Miscellaneous
20
MODSET
—
Modulator Gain Setting. Transmit modulator gain can be adjusted by the resistor connected to the pin.
13
GMCRES
—
GMC resistor to set the cutoff frequency of the baseband filter.
19
MIXBPC
—
Mixer bias bypass capacitor.
32
33
SRQ-
SRQ+
—
Q channel DC offset cancellation servo capacitor connections.
34
35
SRI-
SRI+
—
I channel DC offset cancellation servo capacitor connections.
1, 12, 36, 37,
40, 41, 42,
48
NC
—
No Connect. It is recommended to connect these pins to ground.
Power Supply Terminals
6
VCC1
Supply
Positive supply terminal.
7
VCC2
Supply
Positive supply terminal.
25
VCC3
Supply
Positive supply terminal.
31
VCC4
Supply
Positive supply terminal.
44
VCC5
Supply
Positive supply terminal.
45
VCC6
Supply
Positive supply terminal.
14, 17, 30
GND
Supply
Power supply ground terminal.
Notes:
1. All digital signals are CMOS compatible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com