Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 3 Page - Texas Instruments

  LP5009 Datasheet HTML 1Page - Texas Instruments LP5009 Datasheet HTML 2Page - Texas Instruments LP5009 Datasheet HTML 3Page - Texas Instruments LP5009 Datasheet HTML 4Page - Texas Instruments LP5009 Datasheet HTML 5Page - Texas Instruments LP5009 Datasheet HTML 6Page - Texas Instruments LP5009 Datasheet HTML 7Page - Texas Instruments LP5009 Datasheet HTML 8Page - Texas Instruments LP5009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Description (continued)
The LP50xx device controls each LED output with a 12-bit PWM resolution at 29-kHz switching frequency, which
helps achieve a smooth dimming effect and eliminates audible noise. The independent color mixing and intensity
control registers make the software coding straightforward. When targeting a fade-in, fade-out type breathing
effect, the global R, G, B bank control reduces the microcontroller loading significantly. The LP50xx device also
implements a PWM phase-shifting function to help reduce the input power budget when LEDs turn on
simultaneously.
The LP50xx device implements an automatic power-saving mode to achieve ultra-low quiescent current. When
channels are all off for 30 ms, the device total power consumption is down to 10 µA, which makes the LP50xx
device a potential choice for battery-powered end equipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com