Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 28Page - Texas Instruments LP5009 Datasheet HTML 29Page - Texas Instruments LP5009 Datasheet HTML 30Page - Texas Instruments LP5009 Datasheet HTML 31Page - Texas Instruments LP5009 Datasheet HTML 32Page - Texas Instruments LP5009 Datasheet HTML 33Page - Texas Instruments LP5009 Datasheet HTML 34Page - Texas Instruments LP5009 Datasheet HTML 35Page - Texas Instruments LP5009 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
RIREF=KIREF ×
VIREF
ISET
32
LP5009, LP5012
SLVSEH2 – MAY 2019
www.ti.com
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
Set the LED current to 15 mA using the RIREF resistor. Select the proper value for the other external components,
like VCAP pin capacitor and the SCL/SDA pullup resisters.
9.2.2 Detailed Design Procedure
LP50xx scales up the reference current (IREF) set by the external resistor (RIREF) to sink the output current (IOUT)
at each output port. The following formula can be used to calculate the external resistor (RIREF):
(2)
The SCL and SDA lines must each have a pullup resistor placed somewhere on the line (the pullup resistors are
normally located on the bus master). In typical applications, values of 1.8 kΩ to 4.7 kΩ are used.
VCAP is internal LDO output pin. This pin must be connected through a 1-µF capacitor to GND. Place the
capacitor as close to the device as possible.
TI recommends having a 1-µF capacitor between VCC and GND to ensure proper operation. Place the capacitor
as close to the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com