Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 29Page - Texas Instruments LP5009 Datasheet HTML 30Page - Texas Instruments LP5009 Datasheet HTML 31Page - Texas Instruments LP5009 Datasheet HTML 32Page - Texas Instruments LP5009 Datasheet HTML 33Page - Texas Instruments LP5009 Datasheet HTML 34Page - Texas Instruments LP5009 Datasheet HTML 35Page - Texas Instruments LP5009 Datasheet HTML 36Page - Texas Instruments LP5009 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Power Supply Recommendations
The device is designed to operate from a VVCC input-voltage supply range from 2.7 V and 5.5 V. This input
supply must be well-regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even in a load-transition condition (start-up or rapid intensity change). The resistance of the input
supply rail must be low enough that the input-current transient does not cause a drop below a 2.7-V level in the
LP50xx VVCC supply voltage.
11 Layout
11.1 Layout Guidelines
To prevent thermal shutdown, the junction temperature, TJ, must be less than T(TSD). If the voltage drop across
the output channels is high, the device power dissipation can be large. The LP50xx device has very good
thermal performance because of the thermal pad design; however, the PCB layout is also very important to
ensure that the device has good thermal performance. Good PCB design can optimize heat transfer, which is
essential for the long-term reliability of the device.
Use the following guidelines when designing the device layout:
•
Place the CVCAP, CVCCand RIREF as close to the device as possible. Also, TI recommends putting the ground
plane as Figure 39 and Figure 40.
•
Maximize the copper coverage on the PCB to increase the thermal conductivity of the board. The major heat
flow path from the package to the ambient is through copper on the PCB. Maximum copper density is
extremely important when no heat sinks are attached to the PCB on the other side from the package.
•
Add as many thermal vias as possible directly under the package ground pad to optimize the thermal
conductivity of the board.
•
Use either plated-shut or plugged and capped vias for all the thermal vias on both sides of the board to
prevent solder voids. To ensure reliability and performance, the solder coverage must be at least 85%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com