Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 1 Page - Texas Instruments

  LP5009 Datasheet HTML 1Page - Texas Instruments LP5009 Datasheet HTML 2Page - Texas Instruments LP5009 Datasheet HTML 3Page - Texas Instruments LP5009 Datasheet HTML 4Page - Texas Instruments LP5009 Datasheet HTML 5Page - Texas Instruments LP5009 Datasheet HTML 6Page - Texas Instruments LP5009 Datasheet HTML 7Page - Texas Instruments LP5009 Datasheet HTML 8Page - Texas Instruments LP5009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
EN
SDA
SCL
OUT0
OUT1
OUT11
MCU
VCC
GND
LP5012
ADDR0
OUT2
VLED
VCC
IREF
OUT10
OUT09
VCAP
ADDR1
CVCAP
RIREF
VMCU
CVCC
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
LP5009, LP5012
SLVSEH2 – MAY 2019
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current
I2C RGB LED Drivers
1
1 Features
1
•
Operating voltage range:
–
VCC range: 2.7 V to 5.5 V
–
EN, SDA, and SCL pins compatible with
1.8-V, 3.3-V, and 5-V power rails
–
Output maximum voltage: 6 V
•
12 Constant-current sinks with high precision
–
25.5 mA Maximum per channel with VCC in full
range
–
35 mA Maximum per channel when VCC ≥ 3.3
V
–
Device-to-device error: ±5%; channel-to-
channel error: ±5%
•
Ultra-low quiescent current:
–
Shutdown mode: 1 µA (maximum) with EN low
–
Power-saving mode: 10 µA (typical) with EN
high and all LEDs off for > 30 ms
•
Integrated 12-bit, 29-kHz PWM generator for each
channel:
–
Independent color-mixing register per channel
–
Independent brightness-control register per
RGB LED module
–
Optional logarithmic- or linear-scale brightness
control
–
Integrated 3-phase PWM-shifting scheme
•
3 Programmable banks (R, G, B) for easy
software control of each color
•
2 External hardware address pins allow
connecting up to 4 devices
•
Broadcast slave address allows configuring
multiple devices simultaneously
•
Auto-increment allows writing or reading
consecutive registers within one transmission
•
Up to 400-kHz fast-mode I2C speed
2 Applications
LED lighting, indicator lights, and fun lights for:
•
Smart speaker (with voice assistant)
•
Smart home appliances
•
Video doorbell
•
Electronic smart lock
•
Smoke and heat detector
•
STB and DVR
•
Smart router
•
Handheld device
3 Description
In smart homes and other applications that utilize
human-machine-interaction, high-performance RGB
LED drivers are required. LED animation effects such
as flashing, breathing, and chasing greatly improve
user experience, and minimal system noise is
essential.
The LP50xx device is an 9- or 12-channel constant
current sink LED driver. The LP50xx device includes
integrated color mixing and brightness control, and
pre-configuration
simplifies
the
software
coding
process. Integrated 12-bit, 29-kHz PWM generators
for each channel enable smooth, vivid color for LEDs,
and eliminate audible noise.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5009
WQFN (20)
3.00 mm × 3.00 mm
LP5012
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LP5009

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI2-LP5009 Datasheet
2Mb / 52P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
REVISED AUGUST 2020
LP5009PWR TI-LP5009PWR Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
More results

Similar Description - LP5009

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9685 NXP-PCA9685 Datasheet
249Kb / 50P
16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 02-16 July 2009
PCA9685 NXP-PCA9685_10 Datasheet
1Mb / 51P
16-channel, 12-bit PWM Fm I2C-bus LED controller
Rev. 3-2 September 2010
logo
Texas Instruments
TLC59711 TI1-TLC59711 Datasheet
963Kb / 36P
12-Channel, 16-Bit, Enhanced Spectrum PWM, RGB, LED Driver
TLC5971 TI1-TLC5971_15 Datasheet
1Mb / 45P
12-Channel, 16-Bit, Enhanced Spectrum, PWM, RGB, LED Driver
LP5018 TI1-LP5018 Datasheet
783Kb / 49P
18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
LP5030 TI1-LP5030 Datasheet
788Kb / 57P
36-, 30-Channel 12-Bit PWM Ultralow Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V01 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V02 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
LP5009 TI-LP5009_V03 Datasheet
2Mb / 51P
LP50xx 9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
logo
Kinetic Technologies.
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com