Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 5 Page - Texas Instruments

  LP5009 Datasheet HTML 1Page - Texas Instruments LP5009 Datasheet HTML 2Page - Texas Instruments LP5009 Datasheet HTML 3Page - Texas Instruments LP5009 Datasheet HTML 4Page - Texas Instruments LP5009 Datasheet HTML 5Page - Texas Instruments LP5009 Datasheet HTML 6Page - Texas Instruments LP5009 Datasheet HTML 7Page - Texas Instruments LP5009 Datasheet HTML 8Page - Texas Instruments LP5009 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
LP5009
LP5012
ADDR0
14
14
—
I2C slave-address selection pin. This pin must not be left floating.
ADDR1
15
15
—
I2C slave-address selection pin. This pin must not be left floating.
EN
19
19
I
Chip enable input pin
IREF
20
20
—
Output current-reference global-setting pin
NC
11, 12, 13
—
—
No internal connection
OUT0
2
2
O
Current sink output 0. If not used, this pin can be left floating.
OUT1
3
3
O
Current sink output 1. If not used, this pin can be left floating.
OUT2
4
4
O
Current sink output 2. If not used, this pin can be left floating.
OUT3
5
5
O
Current sink output 3. If not used, this pin can be left floating.
OUT4
6
6
O
Current sink output 4. If not used, this pin can be left floating.
OUT5
7
7
O
Current sink output 5. If not used, this pin can be left floating.
OUT6
8
8
O
Current sink output 6. If not used, this pin can be left floating.
OUT7
9
9
O
Current sink output 7. If not used, this pin can be left floating.
OUT8
10
10
O
Current sink output 8. If not used, this pin can be left floating.
OUT9
—
11
O
Current sink output 9. If not used, this pin can be left floating.
OUT10
—
12
O
Current sink output 10. If not used, this pin can be left floating.
OUT11
—
13
O
Current sink output 11. If not used, this pin can be left floating.
SCL
18
18
I
I2C bus clock line. If not used, this pin must be connected to GND or VCC.
SDA
17
17
I/O
I2C bus data line. If not used, this pin must be connected to GND or VCC.
VCAP
1
1
—
Internal LDO output pin, this pin must be connected to a 1-µF capacitor to
GND. Place the capacitor as close to the device as possible.
VCC
16
16
I
Input power.
GND
—
—
—
Exposed thermal pad also serves the ground pin for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com