Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 6Page - Texas Instruments LP5009 Datasheet HTML 7Page - Texas Instruments LP5009 Datasheet HTML 8Page - Texas Instruments LP5009 Datasheet HTML 9Page - Texas Instruments LP5009 Datasheet HTML 10Page - Texas Instruments LP5009 Datasheet HTML 11Page - Texas Instruments LP5009 Datasheet HTML 12Page - Texas Instruments LP5009 Datasheet HTML 13Page - Texas Instruments LP5009 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
OUT0
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Color
8 Bits Brightness
8 Bits Brightness
Color-Mixing
Brightness-Control
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
12 Bits / 29KHz PWM
PWM Generators
OUT1
OUT2
OUT9
OUT10
OUT11
10
LP5009, LP5012
SLVSEH2 – MAY 2019
www.ti.com
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
The LP50xx device is designed with independent color mixing and intensity control, which makes the RGB LED
effects fancy and the control experience straightforward. With the inputs of the color-mixing register and the
intensity-control register, the final PWM generator output for each channel is 12-bit resolution and 29-kHz
dimming frequency, which helps achieve a smooth dimming effect and eliminates audible noise. See Figure 2.
Figure 2. PWM Control Scheme for Each Channel
8.3.1.1 Independent Color Mixing Per RGB LED Module
Each output channel has its own individual 8-bit color-setting register (OUTx_COLOR). The device allows every
RGB LED module to achieve >16 million (256 × 256 × 256) color-mixing.
8.3.1.2 Independent Intensity Control Per RGB LED Module
When color is fixed, the independent intensity-control is used to achieve accurate and flexible dimming control for
every RGB LED module.
8.3.1.2.1
Intensity-Control Register Configuration
Every
three
consecutive
output
channels
are
assigned
to
their
respective
intensity-control
register
(LEDx_BRIGHTNESS). For example, OUT0, OUT1, and OUT2 are assigned to LED0_BRIGHTNESS, so it is
recommended to connect the RGB LEDs in the sequence as shown in Table 1. The LP50xx device allows 256-
step intensity control for each RGB LED module, which helps achieve a smooth dimming effect.
Keeping FFh (default value) in the LED0_BRIGHTNESS register results in 100% dimming duty cycle. With this
setting, users can just configure the color mixing register by channel to achieve the target dimming effect in a
single-color LED application.
8.3.1.2.2
Logarithmic- or Linear-Scale Intensity Control
For human-eye-friendly visual performance, a logarithmic-scale dimming curve is usually implemented in LED
drivers. However, for RGB LEDs, if using a single register to achieve both color mixing and intensity control,
color distortion can be observed easily when using a logarithmic scale. The LP50xx device, with independent
color-mixing and intensity-control registers, implements the logarithmic scale dimming control inside the intensity
control function, which solves the color distortion issue effectively. See Figure 3. Also, the LP50xx device allows
users to configure the dimming scale either logarithmically or linearly through the global Log_Scale_EN register.
If a special dimming curve is desired, using the linear scale with software correction is the most flexible
approach. See Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com