Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 10Page - Texas Instruments LP5009 Datasheet HTML 11Page - Texas Instruments LP5009 Datasheet HTML 12Page - Texas Instruments LP5009 Datasheet HTML 13Page - Texas Instruments LP5009 Datasheet HTML 14Page - Texas Instruments LP5009 Datasheet HTML 15Page - Texas Instruments LP5009 Datasheet HTML 16Page - Texas Instruments LP5009 Datasheet HTML 17Page - Texas Instruments LP5009 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
14
LP5009, LP5012
SLVSEH2 – MAY 2019
www.ti.com
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The LP50xx device supports two levels of maximum output current, IMAX.
•
When VCC is in the range from 2.7 V to 5.5 V, and the Max_Current_Option (bit) = 0, IMAX = 25.5 mA.
•
When VCC is in the range from 3.3 V to 5.5 V, and the Max_Current_Option (bit) = 1, IMAX = 35 mA.
8.3.4 Automatic Power-Save Mode
When all the LED outputs are inactive, the LP50xx device is able to enter power-save mode automatically, thus
lowering idle-current consumption down to 10 μA (typical). Automatic power-save mode is enabled when register
bit Power_Save_EN = 1 (default) and all the LEDs are off for a duration of > 30 ms. Almost all analog blocks are
powered down in power-save mode. If any I2C command to the device occurs, the LP50xx device returns to
NORMAL mode.
8.3.5 Protection Features
8.3.5.1 Thermal Shutdown
The LP50xx device implements a thermal shutdown mechanism to protect the device from damage due to
overheating. When the junction temperature rises to 160°C (typical), the device switches into shutdown mode.
The LP50xx device releases thermal shutdown when the junction temperature of the device is reduced to 145°C
(typical).
8.3.5.2 UVLO
The LP50xx device has an internal comparator that monitors the voltage at VCC. When VCC is below VUVF, reset
is active and the LP50xx device is in the INITIALIZATION state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com