Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 7Page - Texas Instruments LP5009 Datasheet HTML 8Page - Texas Instruments LP5009 Datasheet HTML 9Page - Texas Instruments LP5009 Datasheet HTML 10Page - Texas Instruments LP5009 Datasheet HTML 11Page - Texas Instruments LP5009 Datasheet HTML 12Page - Texas Instruments LP5009 Datasheet HTML 13Page - Texas Instruments LP5009 Datasheet HTML 14Page - Texas Instruments LP5009 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
255
0
32
64
96
128
160
192
224
LEDx_BRIGHTNESS Register Input
Linear Scale Dimming Curve
0
LEDx_BRIGHTNESS Register Input
Logarithmic Scale Dimming Curve
100%
80%
60%
40%
20%
0%
100%
80%
60%
40%
20%
0%
32
64
96
128
160
192
224
255
8 Bits Brightness
8 Bits Brightness
Brightness Control
Linear OR Logarithmic
Linear OR Logarithmic
Log_Scale_EN
11
LP5009, LP5012
www.ti.com
SLVSEH2 – MAY 2019
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 3. Logarithmic- or Linear-Scale Intensity Control
Figure 4. Logarithmic vs Linear Dimming Curve
8.3.1.3 12-Bit, 29-kHz PWM Generator Per Channel
8.3.1.3.1
PWM Generator
With the inputs of the color mixing and the intensity control, the final output PWM duty cycle is defined as the
product obtained by multiplying the color-mixing register value by the related intensity-control register value. The
final output PWM duty cycle has 12 bits of control accuracy, which is achieved by a 9 bits of pure PWM
resolution and 3 bits of digital dithering control. For 3-bit dithering, every eighth pulse is made 1 LSB longer to
increase the average value by 1 / 8th. The LP50xx device allows users to enable or disable the dithering function
through the PWM_Dithering_EN register. When enabled (default), the output PWM duty-cycle accuracy is 12
bits. When disabled, the output PWM duty-cycle accuracy is 9 bits.
To eliminate the audible noise due to the PWM switching, the LP50xx device sets the PWM switching frequency
at 29 kHz, above the 20-kHz human hearing range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com