Electronic Components Datasheet Search
  English  ▼

X  

LP5009 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP5009
Description  9-, 12-Channel, 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5009 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5009 Datasheet HTML 26Page - Texas Instruments LP5009 Datasheet HTML 27Page - Texas Instruments LP5009 Datasheet HTML 28Page - Texas Instruments LP5009 Datasheet HTML 29Page - Texas Instruments LP5009 Datasheet HTML 30Page - Texas Instruments LP5009 Datasheet HTML 31Page - Texas Instruments LP5009 Datasheet HTML 32Page - Texas Instruments LP5009 Datasheet HTML 33Page - Texas Instruments LP5009 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
LP5009, LP5012
SLVSEH2 – MAY 2019
www.ti.com
Product Folder Links: LP5009 LP5012
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 28. OUT11_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT11_Color
R/W
00h
FFh = The color mixing percentage is 0%.
...
80h =The color mixing percentage is 50%.
...
00h = The color mixing percentage is 100%.
8.6.24 RESET (Address = 17h) [reset = 00h]
RESET is shown in Figure 37 and described in Table 29.
Return to Table 4.
Figure 37. RESET Register
7
6
5
4
3
2
1
0
Reset
W-00h
Table 29. OUT14_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
Reset
W
00h
FFh = Reset all the registers to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com