Electronic Components Datasheet Search
  English  ▼

X  

VR5100 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # VR5100
Description  Multi-output DC/DC regulator for low-power LS1 communication processors
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5100 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button VR5100 Datasheet HTML 17Page - NXP Semiconductors VR5100 Datasheet HTML 18Page - NXP Semiconductors VR5100 Datasheet HTML 19Page - NXP Semiconductors VR5100 Datasheet HTML 20Page - NXP Semiconductors VR5100 Datasheet HTML 21Page - NXP Semiconductors VR5100 Datasheet HTML 22Page - NXP Semiconductors VR5100 Datasheet HTML 23Page - NXP Semiconductors VR5100 Datasheet HTML 24Page - NXP Semiconductors VR5100 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
NXP Semiconductors
21
VR5100
GENERAL PRODUCT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Table 23. Dynamic electrical characteristics - LDO4
All parameters are specified at TA = -40 °C to 105 °C, VIN = 3.6 V, VLDOIN34 = 3.6 V, LDO4 = 3.3 V, ILDO4 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VLDOIN34 = 3.6 V, LDO4 = 3.3 V,
ILDO4 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
LDO4 linear regulator
NOISELDO4
Output noise density, VLDOIN342 = VLDOIN34MIN, ILDO4 = 262.5 mA
• 100 Hz to <1.0 kHz
• 1.0 kHz to <10 kHz
• 10 kHz to 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
tONLDO4
Turn-on time, enable to 90% of end value, VLDO34IN = VLDOIN34MIN,
3.6 V, ILDO4 = 0.0 mA
60
–
500
μs
tOFFLDO4
Turn-off time, disable to 10% of initial value, VLDOIN34 = VLDOIN34MIN,
ILDO4 = 0.0 mA
––
10
ms
LDO4OSHT
Start-up overshoot, VLDOIN34 = VLDOIN34MIN, 3.6 V, ILDO4 = 0.0 mA
–1.0
2.0
%
Table 24. Static electrical characteristics - REFOUT
All parameters are specified at TA = -40 °C to 105 °C, VIN = 3.6 V, IREFOUT = 0.0 mA, VREFIN = 1.5 V, and typical external component
values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IREFOUT = 0.0 mA, VREFIN = 1.5 V, and 25 °C, unless
otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
REFOUT linear regulator
VREFIN
Operating input voltage range
1.2
–
1.65
V
(34)
VREFOUT
Output voltage, 1.2 V < VREFIN < 1.65 V, 0.0 mA < IREFOUT < 10 mA
–VREFIN/2
–
V
VREFOUTTOL
Output voltage tolerance, as a percentage of VREFIN, 1.2 V < VREFIN <
1.65 V, 0.6 mA < IREFOUT < 10 mA
49.5
50
50.5
%
IREFOUT
Rated output load current
10
–
–
mA
IREFOUTQ
Quiescent current
–
12
–
μA
(35)
IREFOUTLM
Current limit, IREFOUT when VREFOUT is forced to VINREFOUT/4
10.5
15
25
mA
Notes
34.
When using SW3 as input, the REFOUT input voltage range specification refers to the voltage set point of SW3 and not the absolute value
35.
When REFOUT is off there is a quiescent current of a typical 2.0
μA.
Table 25. Dynamic electrical characteristics - REFOUT
All parameters are specified at TA = -40 °C to 105 °C, VIN = 3.6 V, IREFOUT = 0.0 mA, VREFIN = 1.5 V, and typical external component
values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IREFOUT = 0.0 mA, VREFIN = 1.5 V, and 25 °C, unless
otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
REFOUT linear regulator
tONREFOUT
Turn-on time, enable to 90% of end value, VREFIN = 1.2 V to 1.65 V,
IREFOUT = 0.0 mA
–
–
100
μs
tOFFREFOUT
Turn-off time, disable to 10% of initial value, VREFIN = 1.2 V to 1.65 V,
IREFOUT = 0.0 mA
––
10
ms
VREFOUTOSH
Start-up overshoot, VREFIN = 1.2 V to 1.65 V, IREFOUT = 0.0 mA
–1.0
6.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com