Electronic Components Datasheet Search
  English  ▼

X  

VR5100 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # VR5100
Description  Multi-output DC/DC regulator for low-power LS1 communication processors
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5100 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button VR5100 Datasheet HTML 8Page - NXP Semiconductors VR5100 Datasheet HTML 9Page - NXP Semiconductors VR5100 Datasheet HTML 10Page - NXP Semiconductors VR5100 Datasheet HTML 11Page - NXP Semiconductors VR5100 Datasheet HTML 12Page - NXP Semiconductors VR5100 Datasheet HTML 13Page - NXP Semiconductors VR5100 Datasheet HTML 14Page - NXP Semiconductors VR5100 Datasheet HTML 15Page - NXP Semiconductors VR5100 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
12
NXP Semiconductors
VR5100
GENERAL PRODUCT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Table 7. Static electrical characteristics – SW2
All parameters are specified at TA = -40 °C to 105 °C, VIN = VPVIN2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA, typical external component
values, fSW2 = 2.0 MHz, unless otherwise noted. Typical values are characterized at VIN = VPVIN2 = 3.6 V, VSW2 = 3.15 V, ISW2 = 100 mA,
and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Switch mode supply SW2
VPVIN2
Operating input voltage
2.8
–
4.5
V
(19)
VSW2
Nominal output voltage
–
Table 48
–V
VSW2ACC
Output voltage accuracy
• PWM, APS, 2.8 V
≤ VPVIN2 ≤ 4.5 V, 0 ≤ ISW2 ≤ 1.25 A
• 1.50 V
≤ VSW2 ≤ 1.85 V
• 2.5 V
≤ VSW2 ≤ 3.3 V
• PFM, 2.8 V
≤ VPVIN2 ≤ 4.5 V, 0 ≤ ISW2 ≤ 50 mA
• 1.50 V
≤ VSW2 ≤ 1.85 V
• 2.5 V
≤ VSW2 ≤ 3.3 V
-3.0%
-6.0%
-6.0%
-6.0%
–
–
–
–
3.0%
6.0%
6.0%
6.0%
%
ISW2
Rated output load current,
2.8 V < VPVIN2 < 4.5 V, 1.50 V < VSW2 < 1.85 V, 2.5 V < VSW2 < 3.3 V
1250
–
–
mA
(20)
ISW2Q
Quiescent current
• PFM mode
• APS mode (Low output voltage settings)
• APS mode (High output voltage settings, SW2_HI=1)
–
–
–
23
145
305
–
–
–
µA
ISW2LIM
Current limiter peak current detection, current through inductor
• SW2ILIM = 0
• SW2ILIM = 1
1.625
1.235
2.5
1.9
3.375
2.565
A
ΔVSW2
Output ripple
–
5.0
–
mV
RONSW2P
SW2 P-MOSFET RDS(on) at VIN = VPVIN2 = 3.3 V
–
215
245
m
Ω
RONSW2N
SW2 N-MOSFET RDS(on) at VIN = VPVIN2 = 3.3 V
–
258
326
m
Ω
ISW2PQ
SW2 P-MOSFET leakage current, VIN = VPVIN2 = 4.5 V
–
–
10.5
µA
ISW2NQ
SW2 N-MOSFET leakage current, VIN = VPVIN2 = 4.5 V
––
3.0
µA
RSW2DIS
Discharge resistance during OFF mode
–
600
–
Ω
VSW2OSH
Start-up overshoot, ISW2 = 0.0 mA, DVS clk = 25 mV/4 μs,
VIN = VPVIN2 = 4.5 V
––
66
mV
tONSW2
Turn-on time, enable to 90% of end value, ISW2 = 0.0 mA,
DVS clk = 25 mV/4
μs, VIN = VPVIN2 = 4.5 V
–
–
500
µs
Notes
19.
Minimum operating voltage is 2.8 V with a valid LICELL voltage (1.8 V to 3.3 V). Minimum operating voltage is 3.1 V when no voltage is applied at
the LICELL pin. If operation down to 2.8 V is required for systems without a coin cell, connect the LICELL pin to any system voltage between 1.8 V
and 3.3 V. This voltage can be an output from any VR5100 regulator, or external system supply.
20.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation: (VPVIN2 - VSW2) = ISW2*
(DCR of Inductor + RONSW2P + PCB trace resistance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com