Electronic Components Datasheet Search
  English  ▼

X  

VR5100 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # VR5100
Description  Multi-output DC/DC regulator for low-power LS1 communication processors
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5100 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button VR5100 Datasheet HTML 9Page - NXP Semiconductors VR5100 Datasheet HTML 10Page - NXP Semiconductors VR5100 Datasheet HTML 11Page - NXP Semiconductors VR5100 Datasheet HTML 12Page - NXP Semiconductors VR5100 Datasheet HTML 13Page - NXP Semiconductors VR5100 Datasheet HTML 14Page - NXP Semiconductors VR5100 Datasheet HTML 15Page - NXP Semiconductors VR5100 Datasheet HTML 16Page - NXP Semiconductors VR5100 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
NXP Semiconductors
13
VR5100
GENERAL PRODUCT CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Table 8. Static electrical characteristics – SW3
All parameters are specified at TA = -40 °C to 105 °C, VIN = VPVIN3 = 3.6 V, VSW3 = 1.5 V, ISW3 = 100 mA, typical external component
values, fSW3 = 2.0 MHz. Typical values are characterized at VIN = VPVIN3 = 3.6 V, VSW3 = 1.5 V, ISW3 = 100 mA, and 25 °C, unless
otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Switch mode supply SW3
VPVIN3
Operating input voltage
2.8
–
4.5
V
(21)
VSW3
Nominal output voltage
–
Table 50
–V
VSW3ACC
Output voltage accuracy
• PWM, APS, 2.8 V < VPVIN3 < 4.5 V, 0 < ISW3 < 1.5 A, 0.9 V < VSW3
< 1.65 V
• PFM, steady state (2.8 V < VPVIN3 < 4.5 V, 0 < ISW3 < 50 mA), 0.9 V
< VSW3 < 1.65 V
-3.0%
-6.0%
–
–
3.0%
6.0%
%
ISW3
Rated output load current, 2.8 V < VPVIN3 < 4.5 V, 0.9 V < VSW3 <
1.65 V, PWM, APS mode
1500
–
–
mA
(22)
ISW3Q
Quiescent current
• PFM Mode
• APS Mode
–
–
50
150
–
–
µA
ISW3LIM
Current limiter peak current detection, current through inductor
• SW3ILIM = 0
• SW3ILIM = 1
1.95
1.45
3.0
2.25
4.05
3.05
A
ΔVSW3
Output ripple
–
5.0
–
mV
RONSW3P
SW3 P-MOSFET RDS(on)at VIN = VSW3IN = 3.3 V
–
205
235
m
Ω
RONSW3N
SW3 N-MOSFET RDS(on) at VIN = VSW3IN = 3.3 V
–
250
315
m
Ω
ISW3PQ
SW3 P-MOSFET leakage current, VIN = VSW3IN = 4.5 V
––
12
µA
ISW3NQ
SW3 N-MOSFET leakage current, VIN = VSW3IN = 4.5 V
––
4.0
µA
RSW3DIS
Discharge resistance during Off mode
–
600
–
Ω
VSW3OSH
Start-up overshoot, ISW3 = 0.0 mA, DVS clk = 25 mV/4 μs, VIN = VPVIN3
= 4.5 V
––
66
mV
tONSW3
Turn-on time, enable to 90% of end value, ISW3 = 0 mA, DVS clk =
25 mV/4
μs, VIN = VPVIN3 = 4.5 V
–
–
500
µs
Notes
21.
Minimum operating voltage is 2.8 V with a valid LICELL voltage (1.8 V to 3.3 V). Minimum operating voltage is 3.1 V when no voltage is applied at
the LICELL pin. If operation down to 2.8 V is required for systems without a coin cell, connect the LICELL pin to any system voltage between 1.8 V
and 3.3 V. This voltage can be an output from any VR5100 regulator, or external system supply.
22.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation: (VSW3IN - VSW3) =
ISW3* (DCR of Inductor +RONSW3P + PCB trace resistance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com