Electronic Components Datasheet Search
  English  ▼

X  

VR5100 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # VR5100
Description  Multi-output DC/DC regulator for low-power LS1 communication processors
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5100 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button VR5100 Datasheet HTML 67Page - NXP Semiconductors VR5100 Datasheet HTML 68Page - NXP Semiconductors VR5100 Datasheet HTML 69Page - NXP Semiconductors VR5100 Datasheet HTML 70Page - NXP Semiconductors VR5100 Datasheet HTML 71Page - NXP Semiconductors VR5100 Datasheet HTML 72Page - NXP Semiconductors VR5100 Datasheet HTML 73Page - NXP Semiconductors VR5100 Datasheet HTML 74Page - NXP Semiconductors VR5100 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
NXP Semiconductors
71
VR5100
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
CONTROL INTERFACE I2C BLOCK DESCRIPTION
6.6.5.3.13 Coin cell control register (COINCTL)
This register is used to control the coin cell charger.
6.6.5.3.14 Power control register (PWRCTL)
Table 114. Coin cell control register (COINCTL)
Address: 0x1A functional page
Access: user read/write (72)
7
654
32
1
0
R
COINCHEN
VCOIN
W
Default
0
0
000
00
0
= Unimplemented or reserved
Notes
72.
Read: Anytime
Write: Anytime
Table 115. COINCTL field descriptions
Field
Description
3
COINCHEN
Coin cell charger enable bit
0
Coin cell charger disabled.
1
Coin cell charger enabled.
2:0
VCOIN
Coin cell charger output voltage selection
— This field is used to set the coin cell charging voltage from 2.50 V to 3.30 V. See
Table 63 for all options selectable through these bits.
Table 116. Power control register (PWRCTL)
Address: 0x1B functional page
Access: user read/write (73)
76
543
210
R
REGSCPEN
STBYINV
STBYDLY
ENBDBNC
ENRSTEN
RESTARTEN
W
Default
0001
000
0
= Unimplemented or reserved
Notes
73.
Read: Anytime
Write: Anytime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com