Electronic Components Datasheet Search
  English  ▼

X  

VR5100 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # VR5100
Description  Multi-output DC/DC regulator for low-power LS1 communication processors
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

VR5100 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button VR5100 Datasheet HTML 35Page - NXP Semiconductors VR5100 Datasheet HTML 36Page - NXP Semiconductors VR5100 Datasheet HTML 37Page - NXP Semiconductors VR5100 Datasheet HTML 38Page - NXP Semiconductors VR5100 Datasheet HTML 39Page - NXP Semiconductors VR5100 Datasheet HTML 40Page - NXP Semiconductors VR5100 Datasheet HTML 41Page - NXP Semiconductors VR5100 Datasheet HTML 42Page - NXP Semiconductors VR5100 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
NXP Semiconductors
39
VR5100
FUNCTIONAL DESCRIPTION AND APPLICATION INFORMATION
FUNCTIONAL DESCRIPTION
Figure 10. Boost regulator architecture
6.3.8.1
SWBST setup and control
Boost regulator control is done through a single register SWBSTCTL described in Table 52. SWBST is included in the power-up sequence
if its OTP power-up timing bits, OTP_SWBST_SEQ[2:0], are not all zeros.
Table 52. Register SWBSTCTL - ADDR 0x66
Name
Bit #
R/W
Default
Description
SWBST1VOLT
1:0
R/W
0b00
Set the output voltage for SWBST
00 = 5.000 V
01 = 5.050 V
10 = 5.100 V
11 = 5.150 V
SWBST1MODE
3:2
R
0b10
Set the Switching mode on Normal operation
00 = OFF
01 = PFM
10 = Auto (Default) (41)
11 = APS
UNUSED
4
–
0b0
UNUSED
SWBST1STBYMODE
6:5
R/W
0b10
Set the Switching mode on Standby
00 = OFF
01 = PFM
10 = Auto (Default) (41)
11 = APS
UNUSED
7
–
0b0
UNUSED
Notes
41.
In Auto mode, the controller automatically switches between PFM and APS modes depending on the load current.
Regulator switches in Auto mode if enabled in the startup sequence.
LXBST
VOBST
Driver
Controller
EA
Z1
Z2
Internal
Compensation
I2C
Interface
SWBSTMODE
VREFUV
VREF
EP
VIN
LBST
CINBST
DBST
FBBST
RSENSE
SC
VREFSC
SWBSTFAULT
OC
UV
COSWBST
PVIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com