Electronic Components Datasheet Search
  English  ▼

X  

AM186ED Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 21Page - Advanced Micro Devices AM186ED Datasheet HTML 22Page - Advanced Micro Devices AM186ED Datasheet HTML 23Page - Advanced Micro Devices AM186ED Datasheet HTML 24Page - Advanced Micro Devices AM186ED Datasheet HTML 25Page - Advanced Micro Devices AM186ED Datasheet HTML 26Page - Advanced Micro Devices AM186ED Datasheet HTML 27Page - Advanced Micro Devices AM186ED Datasheet HTML 28Page - Advanced Micro Devices AM186ED Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 88 page
background image
Am186ED/EDLV Microcontrollers
25
PRELI M INARY
D
RA
F T
INT4/PIO30
Maskable Interrupt Request 4 (input,
asynchronous)
This pin indicates to the microcontroller that an
interrupt request has occurred. If the INT4 pin is not
masked, the microcontroller then transfers program
execution to the location specified by the INT4 vector in
the microcontroller interrupt vector table.
Interrupt requests are synchronized internally, and can
be edge-triggered or level-triggered. To guarantee
interrupt recognition, the requesting device must
co ntin ue as se r t i ng INT4 u n ti l the r e q ues t is
acknowledged.
When pulse width demodulation mode is enabled, the
INT4 signal is used internally to indicate a High-to-Low
transition on the PWD signal. When pulse width
demodulation mode is enabled, INT4/PIO30 can be
used as a PIO.
LCS/ONCE0/RAS0
Lower Memory Chip Select (output, synchronous,
internal pullup)
ONCE Mode Request 0 (input)
Row Address Strobe 0
LCS—This pin indicates to the system that a memory
access is in progress to the lower memory block. The
base address and size of the lower memory block are
programmable up to 512 Kbytes. LCS is configured for
8-bit or 16-bit bus size by the auxiliary configuration
register.
LCS is three-stated and held resistively High during a
bus hold condition. In addition, LCS has an ~9-kohm
internal pullup resistor that is active during reset.
ONCE0—During reset, this pin and ONCE1 indicate to
the microcontroller the mode in which it should operate.
ONCE0 and ONCE1 are sampled on the rising edge of
RES. If both pins are asserted Low, the microcontroller
enters ONCE mode; otherwise, it operates normally.
In ONCE mode, all pins assume a high-impedance
state and remain in that state until a subsequent reset
occurs. To guarantee that the microcontroller does not
inadvertently enter ONCE mode, ONCE0 has a weak
internal pullup resistor that is active only during reset.
RAS0—This pin is the row address strobe for the lower
D R AM block . The s e l e ction of RAS 0 or LCS
functionality, along with their configurations, are set
using the LMCS register.
RAS0 is three-stated and held resistively High during a
bus hold condition. In addition, RAS0 has a weak
internal pullup resistor that is active during reset.
MCS0/PIO14
Midrange Memory Chip Select 0 (output,
synchronous, internal pullup)
This pin indicates to the system that a memory access
is in progress to the corresponding region of the
midrange memory block. The base address and size of
the midrange memory block are programmable. MCS0
can be programmed as the chip select for the entire
middle chip select address range. This mode is
recommended when using DRAM since the MCS1,
MCS2, and MCS3 chip selects function as RAS and
CAS signals for the DRAM interface and are not
available as chip selects.
MCS0 is configured for 8-bit or 16-bit bus size by the
auxiliary configuration register. MCS0 is three-stated
and held resistively High during a bus hold condition. In
addition, MCS0 has a weak internal pullup resistor that
is active during reset.
MCS1/UCAS/PIO15
Midrange Memory Chip Select (output,
synchronous, internal pullup)
Upper Column Address Strobe
This pin indicates to the system that a memory access
is in progress to the corresponding region of the
midrange memory block. The base address and size of
the midrange memory block are programmable. MCS1
is configured for 8-bit or 16-bit bus size via the auxiliary
configuration register.
MCS1 is three-stated and held resistively High during a
bus hold condition. In addition, MCS1 has a weak
internal pullup resistor that is active during reset.
If MCS0 is programmed to be active for the entire
middle chip-select range, then this signal is available
as a PIO or a DRAM control. If this signal is not
programmed as a PIO or DRAM control and if MCS0 is
programmed for the entire middle chip-select range,
this signal operates normally.
UCAS—When either bank of DRAM is activated, the
UCAS functionality is enabled. The UCAS activates
when the DRAM access is for the AD15–AD8 byte.
UCAS also activates at the start of a DRAM refresh
access.
UCAS is three-stated and held resistively High during a
bus hold condition. In addition, UCAS has a weak
internal pullup resistor that is active during reset.
MCS2/LCAS/PIO24
Midrange Memory Chip Select (output,
synchronous, internal pullup)
Lower Column Address Strobe
This pin indicates to the system that a memory access
is in progress to the corresponding region of the
midrange memory block. The base address and size of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com