Electronic Components Datasheet Search
  English  ▼

X  

AM186ED Datasheet(PDF) 61 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 61 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 57Page - Advanced Micro Devices AM186ED Datasheet HTML 58Page - Advanced Micro Devices AM186ED Datasheet HTML 59Page - Advanced Micro Devices AM186ED Datasheet HTML 60Page - Advanced Micro Devices AM186ED Datasheet HTML 61Page - Advanced Micro Devices AM186ED Datasheet HTML 62Page - Advanced Micro Devices AM186ED Datasheet HTML 63Page - Advanced Micro Devices AM186ED Datasheet HTML 64Page - Advanced Micro Devices AM186ED Datasheet HTML 65Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
Am186ED/EDLV Microcontrollers
61
PRELI M INARY
D
RA
F T
Numerical Key to Switching Parameter Symbols
No.
Parameter Symbol
Description
1
tDVCL
Data in Setup
2
tCLDX
Data in Hold
3
tCHSV
Status Active Delay
4
tCLSH
Status Inactive Delay
5
tCLAV
AD Address Valid Delay and BHE
6
tCLAX
Address Hold
7
tCLDV
Data Valid Delay
8
tCHDX
Status Hold Time
9
tCHLH
ALE Active Delay
10
tLHLL
ALE Width
11
tCHLL
ALE Inactive Delay
12
tAVLL
AD Address Valid to ALE Low
13
tLLAX
AD Address Hold from ALE Inactive
14
tAVCH
AD Address Valid to Clock High
15
tCLAZ
AD Address Float Delay
16
tCLCSV
MCS/PCS Active Delay
17
tCXCSX
MCS/PCS Hold from Command Inactive
18
tCHCSX
MCS/PCS Inactive Delay
19
tDXDL
DEN Inactive to DT/R Low
20
tCVCTV
Control Active Delay 1
21
tCVDEX
DEN Inactive Delay
22
tCHCTV
Control Active Delay 2
23
tLHAV
ALE High to Address Valid
24
tAZRL
AD Address Float to RD Active
25
tCLRL
RD Active Delay
26
tRLRH
RD Pulse Width
27
tCLRH
RD Inactive Delay
28
tRHLH
RD Inactive to ALE High
29
tRHAV
RD Inactive to AD Address Active
30
tCLDOX
Data Hold Time
31
tCVCTX
Control Inactive Delay
32
tWLWH
WR Pulse Width
33
tWHLH
WR Inactive to ALE High
34
tWHDX
Data Hold after WR
35
tWHDEX
WR Inactive to DEN Inactive
36
tCKIN
X1 Period
37
tCLCK
X1 Low Time
38
tCHCK
X1 High Time
39
tCKHL
X1 Fall Time
40
tCKLH
X1 Rise Time
41
tDSHLH
DS Inactive to ALE Inactive
42
tCLCL
CLKOUTA Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com