| Electronic Components Datasheet Search |
|
AM186ED Datasheet(PDF) 27 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM186ED Datasheet(HTML) 27 Page - Advanced Micro Devices |
|
27 / 88 page ![]() Am186ED/EDLV Microcontrollers 27 PRELI M INARY D RA F T covered by peripheral chip selects in the 80C186 and 80C188 microcontrollers. PCS0–PCS1 also have extended wait state options. PCS2/CTS1/ENRX1/PIO18 Peripheral Chip Select 2 (output, synchronous) Clear-to-Send 1 (input, asynchronous) Enable-Receiver-Request 1 (input, asynchronous) PCS2—This pin provides the Peripheral Chip Select 2 signal to the system when hardware flow control is not enabled for asynchronous serial port 1. The PCS2 signal indicates to the system that a memory access is in progress to the corresponding region of the peripheral memory block (either I/O or memory address space). The base address of the peripheral memory block is programmable. The PCS chip selects can overlap either block of DRAM. The PCS chip selects must have the same or greater number of wait states as the bank of DRAM they overlap. The PCS signals take precedence over DRAM accesses when DRAM and memory-mapped peripherals overlap. PCS2 is three-stated and held resistively High during a bus hold condition. In addition, PCS2 has a weak internal pullup resistor that is active during reset. Unlike the UCS and LCS chip selects, the PCS outputs assert with the multiplexed AD address bus. Note also that each peripheral chip select asserts over a 256- byte address range, which is twice the address range covered by peripheral chip selects in the 80C186 and 80C188 microcontrollers. PCS2 also has extended wait state options. CTS1—This pin provides the Clear-to-Send signal for asynchronous serial port 1 when the ENRX1 bit in the AUXCON register is 0 and hardware flow control is enabled for the port (FC bit in the serial port 1 control r egister i s s e t) . T he CTS 1 signal ga tes th e transmission of data from the associated serial port transmit register. When CTS1 is asserted, the transmitter begins transmission of a frame of data, if any is available. If CTS1 is deasserted, the transmitter holds the data in the serial port transmit register. The value of CTS1 is checked only at the beginning of the transmission of the frame. ENRX1—This pin provides the Enable Receiver Request for asynchronous serial port 1 when the ENRX1 bit in the AUXCON register is 1 and hardware flow control is enabled for the port (FC bit in the serial port 1 control register is set). The ENRX1 signal enables the receiver for the associated serial port. PCS3/RTS1/RTR1/PIO19 Peripheral Chip Select 3 (output, synchronous) Ready-to-Send 1 (output, asynchronous) Ready-to-Receive 1 (output, asynchronous) PCS3—This pin provides the Peripheral Chip Select 3 signal to the system when hardware flow control is not enabled for asynchronous serial port 1. The PCS3 signal indicates to the system that a memory access is in progress to the corresponding region of the peripheral memory block (either I/O or memory address space). The base address of the peripheral memory block is programmable. The PCS chip selects can overlap either block of DRAM. The PCS chip selects must have the same or greater number of wait states as the bank of DRAM they overlap. The PCS signals take precedence over DRAM accesses when DRAM and memory-mapped peripherals overlap. PCS3 is three-stated and held resistively High during a bus hold condition. In addition, PCS3 has a weak internal pullup resistor that is active during reset. Unlike the UCS and LCS chip selects, the PCS outputs assert with the multiplexed AD address bus. Note also that each peripheral chip select asserts over a 256- byte address range, which is twice the address range covered by peripheral chip selects in the 80C186 and 80C188 microcontrollers. PCS3 also has extended wait state options. RTS1—This pin provides the Ready-to-Send signal for asynchronous serial port 1 when the RTS1 bit in the AUXCON register is 1 and hardware flow control is enabled for the port (FC bit in the serial port 1 control register is set). The RTS1 signal is asserted when the associated serial port transmit register contains data which has not been transmitted. RTR1—This pin provides the Ready-to-Receive signal for asynchronous serial port 1 when the RTS1 bit in the AUXCON register is 0 and hardware flow control is enabled for the port (FC bit in the serial port 1 control register is set). The RTR1 signal is asserted when the associated serial port receive register does not contain valid, unread data. PCS5/A1/PIO3 Peripheral Chip Select 5 (output, synchronous) Latched Address Bit 1 (output, synchronous) PCS5—This pin indicates to the system that a memory access is in progress to the sixth region of the peripheral memory block (either I/O or memory address space). The base address of the peripheral memory block is programmable. The PCS chip selects can overlap either block of DRAM. The PCS chip selects must have the same or greater number of wait states as the bank of DRAM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |