Electronic Components Datasheet Search
  English  ▼

X  

AM186ED Datasheet(PDF) 62 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 62 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 58Page - Advanced Micro Devices AM186ED Datasheet HTML 59Page - Advanced Micro Devices AM186ED Datasheet HTML 60Page - Advanced Micro Devices AM186ED Datasheet HTML 61Page - Advanced Micro Devices AM186ED Datasheet HTML 62Page - Advanced Micro Devices AM186ED Datasheet HTML 63Page - Advanced Micro Devices AM186ED Datasheet HTML 64Page - Advanced Micro Devices AM186ED Datasheet HTML 65Page - Advanced Micro Devices AM186ED Datasheet HTML 66Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
62
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
Numerical Key to Switching Parameter Symbols (continued)
No.
Parameter Symbol
Description
43
tCLCH
CLKOUTA Low Time
44
tCHCL
CLKOUTA High Time
45
tCH1CH2
CLKOUTA Rise Time
46
tCL2CL1
CLKOUTA Fall Time
47
tSRYCL
SRDY Transition Setup Time
48
tCLSRY
SRDY Transition Hold Time
49
tARYCH
ARDY Resolution Transition Setup Time
50
tCLARX
ARDY Active Hold Time
51
tARYCHL
ARDY Inactive Holding Time
52
tARYLCL
ARDY Setup Time
53
tINVCH
Peripheral Setup Time
54
tINVCL
DRQ Setup Time
55
tCLTMV
Timer Output Delay
57
tRESIN
RES Setup Time
58
tHVCL
HOLD Setup
59
tRHDX
RD High to Data Hold on AD Bus
61
tLOCK
Maximum PLL Lock Time
62
tCLHAV
HLDA Valid Delay
63
tCHCZ
Command Lines Float Delay
64
tCHCV
Command Lines Valid Delay (after Float)
65
tAVWL
A Address Valid to WR Low
66
tAVRL
A Address Valid to RD Low
67
tCHCSV
CLKOUTA High to LCS/UCS Valid
68
tCHAV
CLKOUTA High to A Address Valid
69
tCICOA
X1 to CLKOUTA Skew
70
tCICOB
X1 to CLKOUTB Skew
83(a)
tCOAOB
CLKOUTA to CLKOUTB Skew
87
tAVBL
A Address Valid to WHB, WLB Low
88(a)
tCSHARYL
Chip Select to ARDY Low
89(a)
tARYHDV
ARDY Assert to Data Valid
90(a)
tDSLDD
DS Low to Data Driven
91(a)
tDSLDV
DS Low to Data Valid
92(a)
tDSHDIR
DS High to Data Invalid—Read
93(a)
tDSHDX
DS High to Data Bus Turn-off Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com