Electronic Components Datasheet Search
  English  ▼

X  

AM186ED Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 38Page - Advanced Micro Devices AM186ED Datasheet HTML 39Page - Advanced Micro Devices AM186ED Datasheet HTML 40Page - Advanced Micro Devices AM186ED Datasheet HTML 41Page - Advanced Micro Devices AM186ED Datasheet HTML 42Page - Advanced Micro Devices AM186ED Datasheet HTML 43Page - Advanced Micro Devices AM186ED Datasheet HTML 44Page - Advanced Micro Devices AM186ED Datasheet HTML 45Page - Advanced Micro Devices AM186ED Datasheet HTML 46Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
42
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
CHIP-SELECT UNIT
The Am186ED/EDLV microcontrollers contain logic
that provides programmable chip-select generation for
both memories and peripherals. The logic can be pro-
grammed to provide ready and wait-state generation
and latched address bits A1 and A2. The chip-select
lines are active for all memory and I/O cycles in their
programmed areas, whether they are generated by the
CPU or by the integrated DMA unit.
The Am186ED/EDLV microcontrollers provide six chip-
select outputs for use with memory devices and six
more for use with peripherals in either memory space
or I/O space. The six memory chip selects can be used
to address three memory ranges. Each peripheral chip
select addresses a 256-byte block that is offset from a
programmable base address. A write to a chip select
register will enable the corresponding chip select logic
even if the actual pin has another function (e.g., PIO).
Chip-Select Timing
The timing for the UCS and LCS outputs is modified
from the original 80C186 microcontroller. These out-
puts now assert in conjunction with the nonmultiplexed
address bus for normal memory timing. To allow these
outputs to be available earlier in the bus cycle, the
number of programmable memory size selections has
been reduced.
Ready and Wait-State Programming
The Am186ED/EDLV microcontrollers can be pro-
grammed to sense a ready signal for each of the
peripheral or memory chip-select lines. The ready sig-
nal can be either the ARDY or SRDY signal. Each chip-
select control register (UMCS, LMCS, MMCS, PACS,
and MPCS) contains a single-bit field that determines
whether the external ready signal is required or
ignored.
The number of wait states to be inserted for each ac-
cess to a peripheral or memory region is programma-
ble. The chip-select control registers for UCS, LCS,
MCS3–MCS0, PCS6, and PCS5 contain a two-bit field
that determines the number of wait states from zero to
three to be inserted. PCS3–PCS0 use three bits to pro-
vide additional values of 5, 7, 9, and 15 wait states.
When external ready is required, internally pro-
grammed wait states will always complete before ex-
ternal ready can terminate or extend a bus cycle. For
example, if the internal wait states are set to insert two
wait states, the processor samples the external ready
pin during the first wait cycle. If external ready is as-
serted at that time, the access completes after six cy-
cles (four cycles plus two wait states). If external ready
is not asserted during the first wait cycle, the access is
extended until ready is asserted, and one more wait
state occurs followed by t4.
The ARDY signal on the Am186ED/EDLV microcon-
trollers is a true asynchronous ready signal. The ARDY
pin accepts a rising edge that is asynchronous to CLK-
OUTA and is active High. If the falling edge of ARDY is
not synchronized to CLKOUTA as specified, an addi-
tional clock period may be added.
Chip-Select Overlap
Although programming the various chip selects on the
Am186ED/EDLV microcontrollers so that multiple chip
select signals are asserted for the same physical ad-
dress is not recommended, it may be unavoidable in
some systems. In such systems, the chip selects
whose assertions overlap must have the same config-
uration for ready (external ready required or not re-
quired) and the number of wait states to be inserted
into the cycle by the processor. The one exception to
this is PCS overlapping DRAM.
The peripheral control block (PCB) is accessed using
internal signals. These internal signals function as chip
selects configured with zero wait states and no external
ready. Therefore, the PCB can be programmed to ad-
dresses that overlap external chip-select signals only if
those external chip selects are programmed to zero
wait states with no external ready required.
When overlapping an additional chip select with either
the LCS or UCS chip selects, it must be noted that set-
ting the Disable Address (DA) bit in the LMCS or UMCS
register disables the address from being driven on the
AD bus for all accesses for which the associated chip
select is asserted, including any accesses for which
multiple chip selects assert.
The MCS and PCS chip-select pins can be configured
as either chip selects (normal function) or as PIO inputs
or outputs. It should be noted, however, that the ready
and wait state generation logic for these chip selects is
in effect regardless of their configurations as chip se-
lects or PIOs. This means that if these chip selects are
enabled (by a write to the MMCS and MPCS for the
MCS chip selects, or by a write to the PACS and MPCS
registers for the PCS chip selects), the ready and wait
state programming for these signals must agree with
the programming for any other chip selects with which
their assertion would overlap if they were configured as
chip selects.
Although the PCS4 signal is not available on an exter-
nal pin, the ready and wait state logic for this signal still
exists internal to the part. For this reason, the PCS4 ad-
dress space must follow the rules for overlapping chip
selects. The ready and wait-state logic for PCS6–
PCS5 is disabled when these signals are configured as
address bits A2–A1.
Failure to configure overlapping chip selects with the
same ready and wait state requirements may cause



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com