Electronic Components Datasheet Search
  English  ▼

X  

AM186ED Datasheet(PDF) 33 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 33 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 29Page - Advanced Micro Devices AM186ED Datasheet HTML 30Page - Advanced Micro Devices AM186ED Datasheet HTML 31Page - Advanced Micro Devices AM186ED Datasheet HTML 32Page - Advanced Micro Devices AM186ED Datasheet HTML 33Page - Advanced Micro Devices AM186ED Datasheet HTML 34Page - Advanced Micro Devices AM186ED Datasheet HTML 35Page - Advanced Micro Devices AM186ED Datasheet HTML 36Page - Advanced Micro Devices AM186ED Datasheet HTML 37Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 88 page
background image
Am186ED/EDLV Microcontrollers
33
PRELI M INARY
D
RA
F T
FUNCTIONAL DESCRIPTION
The Am186ED/EDLV microcontrollers are based on
the architecture of the 80C186 and 80C188 microcon-
trollers. The Am186ED/EDLV microcontrollers function
in the enhanced mode of earlier generations of 80C186
and 80C188 microcontrollers. Enhanced mode in-
cludes system features such as power-save control.
Each of the 8086, 8088, 80186, and 80188 microcon-
trollers contains the same basic set of registers, in-
structions, and addressing modes. The Am186ED/
EDLV microcontrollers are backward-compatible with
the 80C186 and 80C188 microcontrollers.
A full description of all the Am186ED/EDLV microcon-
troller registers and instructions is included in the
Am186ED/EDLV Microcontrollers User’s Manual, or-
der# 21335A.
Memory Organization
Memory is organized in sets of segments. Each seg-
ment is a linear contiguous sequence of 64K (216) 8-bit
bytes. Memory is addressed using a two-component
address that consists of a 16-bit segment value and a
16-bit offset. The 16-bit segment values are contained
in one of four internal segment registers (CS, DS, SS,
or ES). The physical address is calculated by shifting
the segment value left by 4 bits and adding the 16-bit
offset value to yield a 20-bit physical address (see Fig-
ure 3). This allows for a 1-Mbyte physical address size.
All instructions that address operands in memory must
specify the segment value and the 16-bit offset value.
For speed and compact instruction encoding, the seg-
ment register used for physical address generation is
implied by the addressing mode used (see Table 5).
Figure 3.
Two-Component Address
I/O Space
The I/O space consists of 64K 8-bit or 32K 16-bit ports.
Separate instructions (IN, INS and OUT, OUTS) ad-
dress the I/O space with either an 8-bit port address
specified in the instruction, or a 16-bit port address in
the DX register. Eight-bit port addresses are zero-ex-
tended such that A15–A8 are Low. I/O port addresses
00F8h through 00FFh are reserved.
Table 5.
Segment Register Selection Rules
1
2
A
4
0
0
0
0
2
2
1
2
A
6
2
1
2
A
4
0
0
2
2
Segment
Base
Logical
Address
Shift
Left
4 Bits
Physical Address
To Memory
15
0
19
0
19
0
15
0
15
0
Offset
Memory Reference
Needed
Segment Register Used
Implicit Segment Selection Rule
Instructions
Code (CS)
Instructions (including immediate data)
Local Data
Data (DS)
All data references
Stack
Stack (SS)
All stack pushes and pops;
any memory references that use BP Register
External Data (Global)
Extra (ES)
All string instruction references that use the DI Register as an index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com