Electronic Components Datasheet Search
  English  ▼

X  

AM186ED Datasheet(PDF) 58 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 58 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 54Page - Advanced Micro Devices AM186ED Datasheet HTML 55Page - Advanced Micro Devices AM186ED Datasheet HTML 56Page - Advanced Micro Devices AM186ED Datasheet HTML 57Page - Advanced Micro Devices AM186ED Datasheet HTML 58Page - Advanced Micro Devices AM186ED Datasheet HTML 59Page - Advanced Micro Devices AM186ED Datasheet HTML 60Page - Advanced Micro Devices AM186ED Datasheet HTML 61Page - Advanced Micro Devices AM186ED Datasheet HTML 62Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
58
Am186ED/EDLV Microcontrollers
PRELI M INARY
D
RA
F T
Alphabetical Key to Switching Parameter Symbols
Parameter Symbol
No.
Description
tARYCH
49
ARDY Resolution Transition Setup Time
tARYCHL
51
ARDY Inactive Holding Time
tARYHDSH
(a)
95
ARDY High to DS High
tARYHDV
(a)
89
ARDY Assert to Data Valid
tARYLCL
52
ARDY Setup Time
tARYLDSH
(a)
96
ARDY Low to DS High
tAVBL
87
A Address Valid to WHB, WLB Low
tAVCH
14
AD Address Valid to Clock High
tAVLL
12
AD Address Valid to ALE Low
tAVRL
66
A Address Valid to RD Low
tAVWL
65
A Address Valid to WR Low
tAZRL
24
AD Address Float to RD Active
tCH1CH2
45
CLKOUTA Rise Time
tCHAV
68
CLKOUTA High to A Address Valid
tCHCA
104
CLKOUTA High to CAS Active
tCHCAV
101
CLKOUTA Low to Column Address Valid
tCHCK
38
X1 High Time
tCHCL
44
CLKOUTA High Time
tCHCSV
67
CLKOUTA High to LCS/UCS Valid
tCHCSX
18
MCS/PCS Inactive Delay
tCHCTV
22
Control Active Delay 2
tCHCV
64
Command Lines Valid Delay (after Float)
tCHCZ
63
Command Lines Float Delay
tCHDX
8
Status Hold Time
tCHLH
9
ALE Active Delay
tCHLL
11
ALE Inactive Delay
tCHRA
106
CLKOUTA High to RAS Active
tCHSV
3
Status Active Delay
tCICOA
69
X1 to CLKOUTA Skew
tCICOB
70
X1 to CLKOUTB Skew
tCHRX
103
CLKOUTA High to RAS Inactive
tCKHL
39
X1 Fall Time
tCKIN
36
X1 Period
tCKLH
40
X1 Rise Time
tCL2CL1
46
CLKOUTA Fall Time
tCLARX
50
ARDY Active Hold Time
tCLAV
5
AD Address Valid Delay and BHE
tCLAX
6
Address Hold
tCLAZ
15
AD Address Float Delay
tCLCH
43
CLKOUTA Low Time
tCLCK
37
X1 Low Time
tCLCL
42
CLKOUTA Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com