Electronic Components Datasheet Search
  English  ▼

X  

AM186ED Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM186ED
Description  High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ED Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM186ED Datasheet HTML 27Page - Advanced Micro Devices AM186ED Datasheet HTML 28Page - Advanced Micro Devices AM186ED Datasheet HTML 29Page - Advanced Micro Devices AM186ED Datasheet HTML 30Page - Advanced Micro Devices AM186ED Datasheet HTML 31Page - Advanced Micro Devices AM186ED Datasheet HTML 32Page - Advanced Micro Devices AM186ED Datasheet HTML 33Page - Advanced Micro Devices AM186ED Datasheet HTML 34Page - Advanced Micro Devices AM186ED Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
Am186ED/EDLV Microcontrollers
31
PRELI M INARY
D
RA
F T
microcontroller, tie SRDY High. If the system does not
use SRDY, tie the pin Low to yield control to ARDY.
TMRIN0/PIO11
Timer Input 0 (input, synchronous, edge-sensitive)
This pin supplies a clock or control signal to the internal
microcontroller timer 0. After internally synchronizing a
Low-to-High transition on TMRIN0, the microcontroller
increments the timer. TMRIN0 must be tied High if not
being used. When PIO11 is enabled, TMRIN0 is pulled
High internally.
TMRIN0 is driven internally by INT2/INTA0/PWD when
pulse width demodulation mode is enabled. The
TMRIN0/PIO11 pin can be used as a PIO when pulse
width demodulation mode is enabled.
TMRIN1/PIO0
Timer Input 1 (input, synchronous, edge-sensitive)
This pin supplies a clock or control signal to the internal
microcontroller timer 1. After internally synchronizing a
Low-to-High transition on TMRIN1, the microcontroller
increments the timer. TMRIN1 must be tied High if not
being used. When PIO0 is enabled, TMRIN1 is pulled
High internally.
TMRIN1 is driven internally by INT2/INTA0/PWD when
pulse width demodulation mode is enabled. The
TMRIN1/PIO0 pin can be used as a PIO when pulse
width demodulation mode is enabled.
TMROUT0/PIO10
Timer Output 0 (output, synchronous)
This pin supplies the system with either a single pulse
or a continuous waveform with a programmable duty
cycle. TMROUT0 is floated during a bus hold or reset.
TMROUT1/PIO1
Timer Output 1 (output, synchronous)
This pin supplies the system with either a single pulse
or a continuous waveform with a programmable duty
cycle. TMROUT1 floats during a bus hold or reset.
TXD0/PIO22
Transmit Data 0 (output, asynchronous)
This pin supplies asynchronous serial transmit data to
the system from serial port 0.
TXD1/PIO27
Transmit Data 1 (output, asynchronous)
This pin supplies asynchronous serial transmit data to
the system from serial port 1.
UCS/ONCE1
Upper Memory Chip Select (output, synchronous)
ONCE Mode Request 1 (input, internal pullup)
UCS—This pin indicates to the system that a memory
access is in progress to the upper memory block. The
base address and size of the upper memory block are
programmable up to 512 Kbytes.
UCS is three-stated and held resistively High during a
bus hold condition. In addition, UCS has an ~9-kohm
internal pullup resistor that is active during reset.
After reset, UCS is active for the 64 Kbyte memory
range from F0000h to FFFFFh, including the reset
address of FFFF0h.
When RAS1 is activated, the code activating RAS1
must not reside in the UCS memory block. When RAS1
is activated, UCS is automatically deactivated and
remains negated. This allows code to boot from UCS,
copy its code to another memory device, then activate
a DRAM bank in place of the UCS memory block.
ONCE1—During reset, this pin and LCS/ONCE0 indi-
cate to the microcontroller the mode in which it should
operate. ONCE0 and ONCE1 are sampled on the ris-
ing edge of RES. If both pins are asserted Low, the mi-
crocontroller enters ONCE mode. Otherwise, it
operates normally. In ONCE mode, all pins assume a
high-impedance state and remain in that state until a
subsequent reset occurs. To guarantee that the micro-
controller does not inadvertently enter ONCE mode,
ONCE1 has a weak internal pullup resistor that is ac-
tive only during a reset.
UZI/PIO26
Upper Zero Indicate (output, synchronous)
This pin lets the designer determine if an access to the
interrupt vector table is in progress by ORing it with bits
15–10 of the address and data bus (AD15–AD10). UZI
is the logical AND of the inverted A19–A16 bits. It asserts
in the first period of a bus cycle and is held throughout the
cycle.
VCC
Power Supply (input)
These pins supply power (+5 V) to the microcontroller.
WHB
Write High Byte (output, three-state, synchronous)
This pin and WLB indicate to the system which bytes of
the data bus (upper, lower, or both) participate in a write
cycle. In 80C186 microcontroller designs, information
is provided by BHE, AD0, and WR. However, by using
WHB and WLB, the standard system interface logic
and external address latch that were required are
eliminated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com