Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8316 Datasheet HTML 9Page - Analog Devices LT8316 Datasheet HTML 10Page - Analog Devices LT8316 Datasheet HTML 11Page - Analog Devices LT8316 Datasheet HTML 12Page - Analog Devices LT8316 Datasheet HTML 13Page - Analog Devices LT8316 Datasheet HTML 14Page - Analog Devices LT8316 Datasheet HTML 15Page - Analog Devices LT8316 Datasheet HTML 16Page - Analog Devices LT8316 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT8316
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Example: A 12V output voltage is generated from a
VIN = 400V input that can drop as low as VIN(MIN) = 250V.
If a transformer with primary-to-secondary turns ratio
NPS = 10 is selected to supply a maximum output current
IOUT(MAX) = 2A, then the duty cycle is DVIN(MIN) ≈ 33% and
the sense resistor is calculated RSNS = 133mΩ. A 120mΩ
resistor is selected.
A more accurate value for RSNS can be obtained by finding
D experimentally with an oscilloscope and electronic load.
Output Power
Compared with a buck or a boost converter, a flyback con-
verter has a complicated relationship between the input
and output currents. Boost converters have relatively con-
stant maximum input current regardless of input voltage,
while buck converters have relatively constant maximum
output current regardless of input voltage, owing to the
fact that they have continuous input and output currents
respectively. A flyback converter, however, has both dis-
continuous input and output currents. The duty cycle
affects both input and output currents, making it hard to
predict maximum output power.
The following equation calculates output power:
POUT = 0.5 • η • VIN • D • ISW(MAX)
where
η = Efficiency ≈ 80%
D ≈
VOUT + VF
(
) • NPS
VOUT + VF
(
) • NPS + VIN
ISW(MAX) = Max. switch current limit = 100mV/RSNS
The calculated power is approximate, and does not take
into account timing variations caused by circuit parasitics.
The actual output power must be evaluated on the bench.
Example: Consider a 12V output converter with a VIN(MIN)
of 250V and a VIN(MAX) of 500V. With a ten-to-one primary-
to-secondary winding ratio (NPS = 10) and a sense resis-
tor RSNS = 120mΩ, the maximum power output is 33W
at VIN(MAX) = 500V but lowers to 28W at VIN(MIN) = 250V.
Selecting a Transformer
Transformer specification and design is possibly the
most critical part of successfully applying the LT8316. In
addition to the usual list of guidelines dealing with high-
frequency isolated power supply transformer design, the
following information should be carefully considered.
Analog Devices has worked with several leading magnetic
component manufacturers to produce pre-designed fly-
back transformers for use with the LT8316. Table 1 shows
the details of these transformers.
Table 1. Predesigned Transformers — Typical Specifications
TRANSFORMER PART
NUMBER
LPRI
(µH)
NP:NS:NT
ISOLATION
VENDOR
TARGET APPLICATIONS
11328-T078
670
8:1:1
Reinforced
Sumida
100V–600V to 12V/3A
11328-T080
670
4:1:0.5
Reinforced
Sumida
100V–600V to 24V/1.5A
11328-T073
670
2:1:0.25
Reinforced
Sumida
100V–600V to 54V/0.7A
11328-T061
600
5:1:1
Basic
Sumida
200V–450V to 15V/2A
11338-T195
1000
14:1:1.7
Basic
Sumida
100V–400V to 7V/2A
11328-T074
500
8:1:1
Reinforced
Sumida
100V–450V to 12V/3A
15364-T008
1500
20:1:2.4
Reinforced
Sumida
25V–450V to 5V/1A
11328-T086
70
4:1:0.5
Reinforced
Sumida
30V–260V to 24V/3A
00399-T239
2800
6:1:0.7
Functional
Sumida
90V–500V to 16.8V/0.4A
750317463
440
8:1:1
Reinforced
Wurth Elektronik
100V–600V to 12V/4A
750317589
670
8:1:1
Reinforced
Wurth Elektronik
100V–600V to 12V/3A
750317464
440
4:1:0.5
Reinforced
Wurth Elektronik
100V–600V to 24V/2A
11328-T060
800
18:1:3
Reinforced
Sumida
140V–450V to 5V/7A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com