Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 3 Page - Analog Devices

  LT8316 Datasheet HTML 1Page - Analog Devices LT8316 Datasheet HTML 2Page - Analog Devices LT8316 Datasheet HTML 3Page - Analog Devices LT8316 Datasheet HTML 4Page - Analog Devices LT8316 Datasheet HTML 5Page - Analog Devices LT8316 Datasheet HTML 6Page - Analog Devices LT8316 Datasheet HTML 7Page - Analog Devices LT8316 Datasheet HTML 8Page - Analog Devices LT8316 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT8316
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. BIAS = 30V, VEN/UVLO = 30V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BIAS
Chip Bias Voltage Supply Range
After Startup
9.5
V
IQ
BIAS Quiescent Current
Burst Mode Operation
Active
75
470
150
700
μA
ICLAMP(MAX)
BIAS Clamp Maximum Current
15
mA
VCLAMP
BIAS Clamping Voltage
ICLAMP = 200µA
ICLAMP = 15mA
34
35
38
39
V
V
ISHDN
VIN Shutdown Current
VEN/UVLO < 0.3V, BIAS = Floating
12
20
μA
VIN(MIN)
Minimum Input Voltage for Startup
BIAS = Floating
l
16
V
ISTARTUP
Startup Current Out of INTVCC
VIN = 16V, BIAS = Floating
l
100
300
μA
VUVLO
EN/UVLO Threshold
EN/UVLO Hysteresis
VEN/UVLO Falling
VEN/UVLO Rising
1.18
30
1.22
65
1.26
120
V
mV
INTVCC UVLO Rising Threshold
Startup Current through Depletion FET
11.1
12
13.1
V
INTVCC UVLO Falling Threshold
7.6
8.1
8.6
V
INTVCC Regulation Voltage
Drawing 20mA from INTVCC
9.5
10
10.5
V
INTVCC LDO Dropout Voltage
Drawing 20mA from INTVCC
1
V
Gate Driver Rise Time
CGATE = 3.3nF, 10% to 90%
30
ns
Gate Driver Fall Time
CGATE = 3.3nF, 90% to 10%
8
ns
VREG
FB Regulation Voltage
l
1.18
1.22
1.25
V
GM
Voltage Error Amplifier Transconductance VFB = 1.22V ± 5mV
245
350
455
μS
VTC
TC Voltage
TC Voltage Temperature Coefficient
TA = 25°C
1.22
+4.1
V
mV/°C
ITC
TC Sinking/Sourcing Current
±100
μA
IIREG/SS
IREG/SS Current
Current Out-of-Pin
9.7
10
10.3
μA
IDCM
Flyback Collapse Detection Threshold
Resonant Valley Detection Threshold
IDCM Rising
IDCM Falling
−170
−85
μA
μA
VSENSE(MIN)
Minimum Current Voltage Threshold
14
20
26
mV
VSENSE(MAX)
Maximum Current Voltage Threshold
90
100
110
mV
SENSE Input Bias Current
Current Out-of-Pin
35
µA
FSW(MIN)
Minimum Switching Frequency
Burst Mode
Standby Mode
3
187
3.5
220
4
250
kHz
Hz
FSW(MAX)
Maximum Switching Frequency
138
140
142
kHz
Note 2: The LT8316E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the −40°C
to 125°C operating junction temperature range are assured by design
characterization and correlation with statistical process controls. The
LT8316I is guaranteed over the full −40°C to 125°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com