Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8316 Datasheet HTML 15Page - Analog Devices LT8316 Datasheet HTML 16Page - Analog Devices LT8316 Datasheet HTML 17Page - Analog Devices LT8316 Datasheet HTML 18Page - Analog Devices LT8316 Datasheet HTML 19Page - Analog Devices LT8316 Datasheet HTML 20Page - Analog Devices LT8316 Datasheet HTML 21Page - Analog Devices LT8316 Datasheet HTML 22Page - Analog Devices LT8316 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT8316
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
This is a simplified equation; the actual ripple will depend
on load current, duty cycle and capacitor ESR.
The LT8316 samples the output voltage only when
switching. As a result, when it is operating at its minimum
frequency, a load transient may discharge the output
capacitor before the device can respond. The output
capacitor must be sufficient to prevent the load from
brown-out in this event. Additional bulk capacitance may
be desirable for this purpose.
Operation Under Light Output Loads
The LT8316 detects the output voltage from the flyback
pulse appearing on the tertiary winding, which requires
delivering power to the output. Thus, the LT8316 deliv-
ers a minimum amount of energy even during light load
conditions to ensure accurate output voltage information.
The minimum operating frequency at minimum load is
approximately 3.5kHz. The minimum delivery of energy
creates a minimum load requirement on the output of
approximately 1% of the maximum load power.
A Zener diode sufficiently rated to handle the minimum
load power can be used to provide a minimum load with-
out decreasing efficiency in normal operation. In selecting
a Zener diode for this purpose, the Zener voltage should
be high enough that the diode does not become the load
path during transient conditions but the voltage must still
be low enough that the MOSFET and output voltage rat-
ings are not exceeded when the Zener functions as the
minimum load.
Standby Mode Operation
For extremely low no-load power dissipation, the LT8316
features a standby mode which is enabled by tying the
SMODE pin to INTVCC. When the load current has dropped
to zero, the LT8316 reduces its minimum switching fre-
quency by a factor of 16 from 3.5kHz to 220Hz.
This reduces the minimum load current by a factor of 16,
at the cost of slower transient response. Because the
output voltage is sampled only once every 4.6ms, the
LT8316 will be unable to respond to load steps for up to
this period.
Output Current Regulation and Soft-Start
Using duty cycle information and the current limit set by
the VC pin, the LT8316 estimates the output current and
regulates it to a setpoint determined by the voltage on the
IREG/SS pin. The output current is regulated according
to the equation:
IOUT =
NPS • VIREG/SS
25 • RSNS
where
VIREG/SS = Voltage on IREG/SS pin.
A trimmed 10μA current flows out of the IREG/SS pin,
so that a resistor tied from this pin to GND programs the
output current according to the equation:
RIREG/SS =
2.5MΩ • IOUT • RSNS
NPS
Example: For an application with RSNS = 120mΩ, NPS = 10,
and a desired regulated output current IOUT = 2A, an
IREG/SS resistor is selected RIREG/SS = 60.4kΩ.
Circuit parasitics, especially transformer capacitance, will
influence the accuracy of output current regulation due to
energy delivery to the parasitics. Although this effect is
usually small, some iteration may be necessary if accu-
racy better than 5% is required. In this case, RIREG/SS
can be implemented with a rheostat and adjusted until
the desired output current is realized, and then replaced
with a fixed-value resistor for production. When the
rheostat is present, a small bypass capacitor is helpful to
attenuate switching interference pickup by the rheostat.
Additionally, an RC snubber placed across the secondary
rectifier can improve current regulation accuracy.
Soft-start functionality can also be implemented by con-
necting a capacitor from the IREG/SS pin to GND. The
10μA current will act to charge the external soft-start
capacitor. At startup, the regulated output current will rise
monotonically until reaching voltage regulation. The soft-
start capacitor then charges entirely and the output current
regulation loop will not interfere with voltage regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com