Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 23 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT8316 Datasheet HTML 18Page - Analog Devices LT8316 Datasheet HTML 19Page - Analog Devices LT8316 Datasheet HTML 20Page - Analog Devices LT8316 Datasheet HTML 21Page - Analog Devices LT8316 Datasheet HTML 22Page - Analog Devices LT8316 Datasheet HTML 23Page - Analog Devices LT8316 Datasheet HTML 24Page - Analog Devices LT8316 Datasheet HTML 25Page - Analog Devices LT8316 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LT8316
23
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 7. Ultra-Wide Input Range Non-Isolated 12V Buck Converter
Figure 8. Non-Isolated 16.8V Gate Drive Supply
D3
10µF
100nF
10pF
0.1µF
47µF
16V
X5R/X7R
x3
10k
21.5k
2.49k
22.1k
220m
M1
L1
1mH
D2
100nF
D1
DCM
VIN
EN/UVLO
FB
GND
INTVCC
IREG/SS
SMODE
SENSE
TC
VC
BIAS
GATE
LT8316
VIN
19V TO 600V
VOUT
12V
10mA TO 200mA
8316 F07
M1: TK3P80E
L1: SUMIDA RPT129NP-102MB
D1, D3: US1KFA
D2: CMDSH2-3
D2
D1
4.7µF
330nF
47pF
4.7µF
1\0µF
50V
X5R/X7R
x4
2.8mH
77.8µH
10k
4.99k
10k
220m
48.7k
M1
DCM
VIN
EN/UVLO
FB
GND
INTVCC
IREG/SS
SMODE
SENSE
TC
VC
BIAS
GATE
LT8316
100
1nF
130k
VIN
20V TO 500V
VOUT
6:1
16.8V/0.42A
T1
8316 F08
D3
100
M1: IPD80R4K5P7
T1: SUMIDA 00399-T239
D1: PDS4150H
D2: BAV20WS-7-F
D3: CMZ5932
0.47µF
0.12A (VIN = 20V)
0.25A (VIN = 50V)
0.42A (VIN = 100V TO 500V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com