Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8316 Datasheet HTML 13Page - Analog Devices LT8316 Datasheet HTML 14Page - Analog Devices LT8316 Datasheet HTML 15Page - Analog Devices LT8316 Datasheet HTML 16Page - Analog Devices LT8316 Datasheet HTML 17Page - Analog Devices LT8316 Datasheet HTML 18Page - Analog Devices LT8316 Datasheet HTML 19Page - Analog Devices LT8316 Datasheet HTML 20Page - Analog Devices LT8316 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LT8316
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 3. Snubber Circuits
A snubber circuit is recommended for most applications.
Figure 3 shows two types of snubber circuits that can
protect the internal power switch: the DZ (diode-Zener)
snubber and the RC (resistor-capacitor) snubber. The DZ
snubber ensures a well-defined and consistent clamping
voltage and has slightly higher power efficiency, while
the RC snubber quickly damps the voltage spike ringing
and provides better load regulation and EMI performance.
Figure 2 shows the flyback waveforms with the DZ and
RC snubbers.
For the DZ snubber, proper care must be taken when
choosing both the diode and the Zener diode. Choose
a fast-recovery diode that has a reverse-voltage rating
higher than the maximum DRAIN pin voltage.
The Zener diode breakdown voltage should be chosen to
balance power loss and switch voltage protection. The
best compromise is to choose the largest voltage break-
down. Use the following equation to make the proper
choice:
VZENER(MAX) ≤ VBR – VIN(MAX)
Multiple Zener diodes may be placed in series to attain
the required voltage and power dissipation.
The Zener diode must be rated to absorb the power loss
in the clamp, which is due to energy storage in the leak-
age inductance and the primary-to-secondary commuta-
tion time, which decreases with higher clamp voltage.
A 500mW Zener is typically recommended. Design the
metal of the VIN trace for sufficient heat removal.
For the RC snubber, the recommended design approach
is to power up at low voltage to avoid overvoltage stress,
measure the period of the ringing on the MOSFET’s drain
when the power switch turns off without the snubber
(TRING), and then add capacitance CSNUBBER (starting with
100pF) until the period of the ringing is 1.5 to 2 times lon-
ger (TRING(SNUBBED)). The change in period will determine
the value of the parasitic capacitance CSW, from which
the parasitic inductance LLEAK can also be determined,
according to the equations:
CSW =
CSNUBBER
TRING(SNUBBED)
TRING
⎛
⎝⎜
⎞
⎠⎟
2
− 1
LLEAK =
TRING
2
π
⎛
⎝⎜
⎞
⎠⎟
2
•
1
CSW
With the value of the switching node capacitance and leak-
age inductance known, a resistor can be added in series
with the snubber capacitor to dissipate power and criti-
cally dampen the ringing. The equation for deriving the
optimal series resistance is:
RSNUBBER =
LLEAK
CSW
Energy absorbed by the RC snubber will be converted to
heat and will not be delivered to the load. In high power
applications, the snubber resistor may need to be sized
for thermal dissipation.
8316 F03
DZ Snubber
RC Snubber
Lℓ
Z
D
C
R
•
•
Lℓ
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com