Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 2 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 2 Page - Analog Devices

  LT8316 Datasheet HTML 1Page - Analog Devices LT8316 Datasheet HTML 2Page - Analog Devices LT8316 Datasheet HTML 3Page - Analog Devices LT8316 Datasheet HTML 4Page - Analog Devices LT8316 Datasheet HTML 5Page - Analog Devices LT8316 Datasheet HTML 6Page - Analog Devices LT8316 Datasheet HTML 7Page - Analog Devices LT8316 Datasheet HTML 8Page - Analog Devices LT8316 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT8316
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ..........................................................................600V
BIAS, EN/UVLO.........................................................40V
INTVCC......................................................................15V
SMODE, GATE..................................................... INTVCC
SENSE, TC, FB, VC, IREG/SS.......................................4V
DCM...................................................................±100mA
Operating Junction Temperature (Note 2)
LT8316E, LT8316I.............................. −40°C to 125°C
Storage Temperature Range .................. −65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
FE PACKAGE
20(16)-LEAD PLASTIC TSSOP
θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
20 GND
19 GATE
18 SENSE
17 EN/UVLO
16 SMODE
15 GND
14 IREG/SS
13 VC
12 FB
11 TC
VIN 1
VIN 2
VIN 3
INTVCC 8
BIAS 9
DCM 10
21
GND
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8316EFE#PBF
LT8316EFE#TRPBF
LT8316FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8316IFE#PBF
LT8316IFE#TRPBF
LT8316FE
20-Lead Plastic TSSOP
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com