Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8316 Datasheet HTML 12Page - Analog Devices LT8316 Datasheet HTML 13Page - Analog Devices LT8316 Datasheet HTML 14Page - Analog Devices LT8316 Datasheet HTML 15Page - Analog Devices LT8316 Datasheet HTML 16Page - Analog Devices LT8316 Datasheet HTML 17Page - Analog Devices LT8316 Datasheet HTML 18Page - Analog Devices LT8316 Datasheet HTML 19Page - Analog Devices LT8316 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT8316
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
the 300ns tON(MIN), causing light-load instability. Fully
evaluate these applications before use with the LT8316.
During operation, the LT8316 derives its power from a
tertiary winding through its BIAS pin. BIAS must be main-
tained between 10V and 30V for proper operation. This
dictates a tertiary-to-secondary turns ratio NTS of:
10V
VOUT
< NTS <
30V
VOUT
Example: For VOUT = 12V, NTS must lie between 0.83
and 2.5, or a 5:6 and 5:2 tertiary-to-secondary ratio
respectively.
Due to leakage inductance ringing on the tertiary winding,
BIAS will rise above its nominal value. To prevent BIAS pin
breakdown, an internal clamp circuit activates at 36V and
shunts the excess current to ground. This current must
not exceed 15mA; evaluate at maximum load current and
minimum VIN to verify proper operation.
Because the output voltage is measured through the volt-
age appearing on the third winding, NTS directly affects
the output voltage regulation accuracy. For best results,
make sure the transformer is manufactured with a precise
turns ratio specified within ±1%.
Leakage Inductance and Snubbers
Any leakage inductance on either the primary or secondary
windings causes a voltage spike to appear on the primary
after the power switch turns off. This spike is increasingly
prominent at higher load currents where more energy is
stored in the leakage inductance. This energy cannot be
delivered to the load, and must be dissipated as heat. It
is thus very important to minimize transformer leakage
inductance.
When designing an application, adequate margin should
be kept for the worst-case leakage voltage spikes even
under overload conditions. In most cases, the reflected
output voltage on the primary plus VIN should be kept
below 80% of VBR, as shown in Figure 2. This leaves 20%
margin for the leakage spike across line and load condi-
tions. A larger voltage margin will be required for poorly
wound transformers with excessive leakage inductance.
In addition to the voltage spikes, the leakage inductance
also causes the switching node to ring for a while after
the power switch turns off. To prevent the voltage ring-
ing from falsely triggering the boundary mode detector,
the LT8316 internally blanks the boundary mode detector
for 800ns. Any ringing after 800ns may trigger the power
switch to turn back on again before the secondary current
falls to zero, so the leakage inductance spike and associ-
ated ringing should be limited to less than 800ns.
Figure 2. Maximum Voltages for SW Pin Flyback Waveform
8316 F02
VSW
tOFF > 800ns
VLEAKAGE
VSW
VSW
TIME
No Snubber
with DZ Snubber
with RC Snubber
tOFF > 800ns
VLEAKAGE
TIME
tOFF > 800ns
VLEAKAGE
TIME
<VBR
<0.8VBR
<VBR
<0.8VBR
<VBR
<0.8VBR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com