Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8316 Datasheet HTML 16Page - Analog Devices LT8316 Datasheet HTML 17Page - Analog Devices LT8316 Datasheet HTML 18Page - Analog Devices LT8316 Datasheet HTML 19Page - Analog Devices LT8316 Datasheet HTML 20Page - Analog Devices LT8316 Datasheet HTML 21Page - Analog Devices LT8316 Datasheet HTML 22Page - Analog Devices LT8316 Datasheet HTML 23Page - Analog Devices LT8316 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT8316
20
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
In order to avoid an undervoltage condition which causes
the chip to shut down, the combined capacitance on the
INTVCC and BIAS pins must be sufficient to power the
LT8316 until the output achieves regulation.
If power at VIN is removed, over-temperature protection
is engaged, undervoltage lockout trips, or overcurrent in
the sense resistor is detected, a 20Ω pull-down switch to
GND discharges any capacitance on the IREG/SS pin for
the duration of the fault plus 640μs.
Protection from Shorted Output Conditions
During a shorted output condition, the LT8316 operates
at the minimum operating frequency. In normal operation,
the tertiary winding provides power to the IC, but the
tertiary winding voltage collapses during a shorted condi-
tion. This causes the part’s INTVCC UVLO of 8.1V (typical)
to shutdown switching and charge through the depletion
startup current source. The part starts switching again
when INTVCC has reached its turn-on voltage of 12V.
To protect the output diode from excessive power dis-
sipation during overload conditions, it is advised to
program the regulated output current with a resistor
RIREG/SS. For voltage regulators, the programmed cur-
rent should be 120% to 150% of the maximum load cur-
rent to ensure current regulation does not interfere with
voltage regulation.
Loop Compensation
The LT8316 is compensated using an external resistor-
capacitor network on the VC pin. Typical values are in the
range of RC = 20kΩ and CC = 220nF. If too large an RC
value is used, the part will be more susceptible to high fre-
quency noise and jitter. If too small of an RC value is used,
the transient performance will suffer. The value choice for
CC is somewhat the inverse of the RC choice: if too small a
CC value is used, the loop may be unstable and if too large
a CC value is used, the transient performance will suffer.
Transient response may be evaluated with a load step box
and adjusted with an adjustable RC compensation net-
work. Stability should be confirmed over the full range of
load current and input voltage.
Extending Supply Voltage
The LT8316 is rated to operate from a VIN up to 600V.
Operation from a higher supply voltage is made possible
by placing a Zener diode in series with the VIN pin, as
shown in Figure 4. The voltage dropped across the Zener
diode reduces the voltage applied to the chip, allowing the
supply voltage to exceed 600V.
For example, a 600V Zener diode will, in principle, allow
a supply voltage ranging from 616V to 1200V. It should
be noted that 616V is needed only during start-up; after
start-up, the LT8316 will continue to operate through
transient dips in supply voltage. In practice, the input
voltage range must be adjusted according to the Zener
diode’s voltage tolerance.
Figure 4.
VIN
LT8316
8316 F04
VSUPPLY
Increased Supply Voltage with a Zener Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com