Electronic Components Datasheet Search
  English  ▼

X  

LT8316 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8316
Description  600V Micropower No-Opto solated Flyback Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8316 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8316 Datasheet HTML 17Page - Analog Devices LT8316 Datasheet HTML 18Page - Analog Devices LT8316 Datasheet HTML 19Page - Analog Devices LT8316 Datasheet HTML 20Page - Analog Devices LT8316 Datasheet HTML 21Page - Analog Devices LT8316 Datasheet HTML 22Page - Analog Devices LT8316 Datasheet HTML 23Page - Analog Devices LT8316 Datasheet HTML 24Page - Analog Devices LT8316 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LT8316
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 5. 94% Efficient Isolated 54V Supply
D1
D2
D4
D3
4.7µF
100nF
47pF
4.7µF
1µF
22µF
63V
670µH
10.5µH
168µH
10k
49.9k
4.99k
549k
10k
50m
56.2k
STD6N90K5
DCM
VIN
EN/UVLO
FB
GND
INTVCC
IREG/SS
SMODE
SENSE
TC
VC
BIAS
GATE
LT8316
100
1nF
10
20
VIN
20V TO 600V
VOUT+
VOUT–
T1
54V
3mA TO 200mA (VIN = 20V)
4mA TO 400mA (VIN = 50V)
8mA TO 700mA (VIN = 100V TO 600V)
8316 F05
T1: SUMIDA 11328-T073
D1: BAV20WS-7-F
D2: PDU340
D3: SMBJ188A
D4: US1MFA
8:4:1
4.7µF
100V
X7S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com