Electronic Components Datasheet Search
  English  ▼

X  

ADV7330KST Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 29Page - Analog Devices ADV7330KST Datasheet HTML 30Page - Analog Devices ADV7330KST Datasheet HTML 31Page - Analog Devices ADV7330KST Datasheet HTML 32Page - Analog Devices ADV7330KST Datasheet HTML 33Page - Analog Devices ADV7330KST Datasheet HTML 34Page - Analog Devices ADV7330KST Datasheet HTML 35Page - Analog Devices ADV7330KST Datasheet HTML 36Page - Analog Devices ADV7330KST Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
REV. B
ADV7330
–33–
Vertical Blanking Interval
The ADV7330 accepts input data that contains VBI data (such
as CGMS, WSS, VITS) in SD and HD modes.
For SMPTE 293M (525p) standards, VBI data can be inserted
on Lines 13 to 42 of each frame, or Lines 6 to 43 for the
ITU-R BT.1358 [625p] standard.
For SD NTSC, this data can be present on Lines 10 to 20; in PAL,
on Lines 7 to 22.
If VBI is disabled [Address 11h, Bit 4 for HD; Address 43h,
Bit4 for SD], VBI data is not present at the output and the entire
VBI is blanked. These control bits are valid in all master and
slave modes.
In Slave Mode 0, if VBI is enabled, the blanking bit in the
EAV/SAV code is overwritten; it is possible to use VBI in this
timing mode as well.
In Slave Mode 1 or 2, the BLANK control bit must be set to
enabled [Address 4Ah, Bit 3] to allow VBI data to pass through
the ADV7330; otherwise, the ADV7330 automatically blanks
the VBI to standard.
If CGMS is enabled and VBI disabled, the CGMS data will
nevertheless be available at the output.
Y
C
r
Y
F
F
0
0
0
0
X
Y
8
0
1
0
8
0
1
0
F
F
0
0
F
F
A
B
A
B
A
B
8
0
1
0
8
0
1
0
F
F
0
0
0
0
X
Y
C
b
Y C
r
C
b
Y
C
b
Y
C
r
EAV CODE
SAV CODE
ANCILLARY DATA
(HANC)
4 CLOCK
4 CLOCK
272 CLOCK
1280 CLOCK
4 CLOCK
4 CLOCK
344 CLOCK
1536 CLOCK
END OF ACTIVE
VIDEO LINE
START OF ACTIVE
VIDEO LINE
ANALOG
VIDEO
INPUT PIXELS
NTSC/PAL M SYSTEM
(525 LINES/60Hz)
PAL SYSTEM
(625 LINES/50Hz)
Y
Figure 25. EAV/SAV Embedded Timing
FIELD
PIXEL
DATA
PAL = 44 CLOCK CYCLES
NTSC = 44 CLOCK CYCLES
PAL = 136 CLOCK CYCLES
NTSC = 208 CLOCK CYCLES
Cb
Y
Cr
Y
HSYNC
BLANK
Figure 26. Active Pixel Timing
SD Subcarrier Frequency Registers
[Subaddress 4Ch–4Fh]
Four 8-bit wide registers are used to set up the subcarrier
frequency. The value of these registers is calculated using the
following equation:
Subcarrier Frequency Register
Subcarrier FrequencyValue in one video line
MHz clk cycles in one video line
=×
#
#27
2
32
For example, NTSC mode,
Subcarrier FrequencyValue
=


×=
227 5
1716
2
569408542
32
.
Subcarrier Register Value = 21F07C1Eh
SD FSC Register 0: 1Eh
SD FSC Register 1: 7Ch
SD FSC Register 2: F0h
SD FSC Register 3: 21h
Refer to the MPU Port Description section for details on how to
access the subcarrier frequency registers.
Square Pixel Timing
[Register 42h, Bit 4]
In square pixel mode, the timing diagrams in Figures 25 and
26 apply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com