Electronic Components Datasheet Search
  English  ▼

X  

ADV7330KST Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 25Page - Analog Devices ADV7330KST Datasheet HTML 26Page - Analog Devices ADV7330KST Datasheet HTML 27Page - Analog Devices ADV7330KST Datasheet HTML 28Page - Analog Devices ADV7330KST Datasheet HTML 29Page - Analog Devices ADV7330KST Datasheet HTML 30Page - Analog Devices ADV7330KST Datasheet HTML 31Page - Analog Devices ADV7330KST Datasheet HTML 32Page - Analog Devices ADV7330KST Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
REV. B
ADV7330
–29–
TIMING MODES
HD Async Timing Mode
[Subaddress 10h, Bit 3,2]
For any input data that does not conform to the standards select-
able in input mode, Subaddress 10h, asynchronous timing mode
can be used to interface to the ADV7330. Timing control signals
for Hsync, Vsync, and Blank have to be programmed by the user.
Macrovision and programmable oversampling rates are not avail-
able in async timing mode. In async mode, the PLL must be
turned off [Subaddress 01h, Bit 1 = 1].
CLK
ACTIVE VIDEO
PROGRAMMABLE
INPUT TIMING
ANALOG
OUTPUT
ab
cd
81
66
66
243
1920
HORIZONTAL SYNC
e
HSYNC_I/P
VSYNC_I/P
BLANK_I/P
SET ADDRESS 10h,
BIT 6 TO 1
Figure 20a. Async Timing Mode—Programming Input Control Signals for SMPTE 295M Compatibility
ACTIVE VIDEO
0
1
HORIZONTAL SYNC
ab
c
d
e
CLK
HSYNC_I/P
VSYNC_I/P
BLANK_I/P
SET ADDRESS 10h,
BIT 6 TO 1
ANALOG OUTPUT
Figure 20b. Async Timing Mode—Programming Input Control Signals for Bilevel Sync Signals
Figures 20a and 20b show an example of how to program
the ADV7330 to accept a different high definition standard
other than SMPTE 293M, SMPTE 274M, SMPTE 296M, or
ITU-R BT.1358.
The following truth table must be followed when programming
the control signals in async timing mode.
For standards that do not require a tri-sync level,
BLANK_I/P
must be tied low at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com