Electronic Components Datasheet Search
  English  ▼

X  

ADV7330KST Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 13Page - Analog Devices ADV7330KST Datasheet HTML 14Page - Analog Devices ADV7330KST Datasheet HTML 15Page - Analog Devices ADV7330KST Datasheet HTML 16Page - Analog Devices ADV7330KST Datasheet HTML 17Page - Analog Devices ADV7330KST Datasheet HTML 18Page - Analog Devices ADV7330KST Datasheet HTML 19Page - Analog Devices ADV7330KST Datasheet HTML 20Page - Analog Devices ADV7330KST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 76 page
background image
REV. B
ADV7330
–17–
SR7–
SR0
Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Register Setting
Reset
Values
10h
HD Mode
Register 1
HD Output Standard
0
0
EIA770.2 Output
00h
01
EIA770.1 Output
10
Output levels for Full Input
Range
11
Reserved
HD Input Control Signals
0
0
HSYNC, VSYNC, BLANK
01
EAV/SAV codes
10
Async Timing Mode
11
Reserved
HD 625p
0
525p
1
625p
HD 720p
0
1080i
1
720p
HD BLANK Polarity
0
BLANK Active High
1
BLANK Active Low
HD Macrovision for 525p/625p
0
Macrovision Off
1
Macrovision On
11h
HD Mode
Register 2
HD Pixel Data Valid
0
Pixel Data Valid Off
00h
1
Pixel Data Valid On
0
Reserved
HD Test Pattern Enable
0
HD Test Pattern Off
1
HD Test Pattern On
HD Test Pattern Hatch/Field
0
Hatch
1
Field/Frame
HD VBI Open
0
Disabled
1
Enabled
HD Undershoot Limiter
0
0
Disabled
01
–11 IRE
10
–6 IRE
11
–1.5 IRE
HD Sharpness Filter
0
Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com