Electronic Components Datasheet Search
  English  ▼

X  

ADV7330KST Datasheet(PDF) 20 Page - Analog Devices

Part # ADV7330KST
Description  Multiformat 11-Bit Triple DAC Video Encoder
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7330KST Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV7330KST Datasheet HTML 16Page - Analog Devices ADV7330KST Datasheet HTML 17Page - Analog Devices ADV7330KST Datasheet HTML 18Page - Analog Devices ADV7330KST Datasheet HTML 19Page - Analog Devices ADV7330KST Datasheet HTML 20Page - Analog Devices ADV7330KST Datasheet HTML 21Page - Analog Devices ADV7330KST Datasheet HTML 22Page - Analog Devices ADV7330KST Datasheet HTML 23Page - Analog Devices ADV7330KST Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
REV. B
–20–
ADV7330
SR7-
SR0
Register
Bit Description
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Register
Setting
Reset
Values
38h
HD Adaptive Filter
HD Adaptive Filter Gain 1
00
00
Gain A = 0
00h
Gain 1
Value A
00
01
Gain A = +1
..
..
..
..
……
01
11
Gain A = +7
10
00
Gain A = –8
..
..
..
..
……
11
11
Gain A = –1
HD Adaptive Filter Gain 1
00
00
Gain B = 0
Value B
00
01
Gain B = +1
..
..
..
..
…….
01
11
Gain B = +7
10
00
Gain B = –8
..
..
..
..
……..
11
11
Gain B = –1
39h
HD Adaptive Filter
HD Adaptive Filter Gain 2
00
00
Gain A = 0
00h
Gain 2
Value A
00
01
Gain A = +1
..
..
..
..
……
01
11
Gain A = +7
10
00
Gain A = –8
..
..
..
..
……
11
11
Gain A = –1
HD Adaptive Filter Gain 2
00
00
Gain B = 0
Value B
00
01
Gain B = +1
..
..
..
..
…….
01
11
Gain B = +7
10
00
Gain B = –8
..
..
..
..
……..
11
11
Gain B = –1
3Ah
HD Adaptive Filter
HD Adaptive Filter Gain 3
00
00
Gain A = 0
00h
Gain 3
Value A
00
01
Gain A = +1
..
..
..
..
……
01
11
Gain A = +7
10
00
Gain A = –8
..
..
..
..
……
11
11
Gain A = –1
HD Adaptive Filter Gain 3
00
00
Gain B = 0
Value B
00
01
Gain B = +1
..
..
..
..
…….
01
11
Gain B = +7
10
00
Gain B = –8
..
..
..
..
……..
11
11
Gain B = –1
3Bh
HD Adaptive Filter
HD Adaptive Filter Threshold A
xx
xx
xx
xx
Threshold A
00h
Threshold A
Value
3Ch
HD Adaptive Filter
HD Adaptive Filter Threshold B
xx
xx
xx
xx
Threshold B
00h
Threshold B
Value
3Dh
HD Adaptive Filter
HD Adaptive Filter Threshold C
xx
xx
xx
xx
Threshold C
00h
Threshold C
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com